Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GN3K Datasheet (PDF) - SynSemi, Inc.

GN3K Datasheet PDF - SynSemi, Inc.
Part # GN3K
Download  GN3K Download

File Size   40.07 Kbytes
Page   2 Pages
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.
Description GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION

GN3K Datasheet (PDF)

Go To PDF Page Download Datasheet
GN3K Datasheet PDF - SynSemi, Inc.

Part # GN3K
Download  GN3K Click to download

File Size   40.07 Kbytes
Page   2 Pages
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.
Description GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION

GN3K Datasheet (HTML) - SynSemi, Inc.

GN3K Datasheet HTML 1Page - SynSemi, Inc. GN3K Datasheet HTML 2Page - SynSemi, Inc.

GN3K Product details

PRV : 50 - 1000 Volts

Io : 3.0 Amperes



FEATURES :

* Glass passivated chip

* High current capability

* High reliability

* Low reverse current

* Low forward voltage drop



MECHANICAL DATA :

* Case : SMC Molded plastic

* Epoxy : UL94V-O rate flame retardant

* Lead : Lead Formed for Surface Mount

* Polarity : Color band denotes cathode end

* Mounting position : Any

* Weight : 0.21 gram




Similar Part No. - GN3K

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GN3K EIC-GN3K Datasheet
39Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
logo
GOOD-ARK Electronics
GN3K GOOD-ARK-GN3K Datasheet
196Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
EIC discrete Semiconduc...
GN3K EIC-GN3K Datasheet
49Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
First Silicon Co., Ltd
GN3K FS-GN3K Datasheet
150Kb / 3P
   REVERSE VOLTGE 50V~1000V FORWARD CURRENT 3.0AMP Surface Mount Rectifiers
More results


Similar Description - GN3K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com