Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFOI050100CE227 Datasheet (PDF) - OPLINK Communications Inc.

CFOI050100CE227 Datasheet PDF - OPLINK Communications Inc.
Part # CFOI050100CE227
Download  CFOI050100CE227 Download

File Size   238.02 Kbytes
Page   2 Pages
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.
Description 50GHz Compact Fiber Optical Interleaver

CFOI050100CE227 Datasheet (PDF)

Go To PDF Page Download Datasheet
CFOI050100CE227 Datasheet PDF - OPLINK Communications Inc.

Part # CFOI050100CE227
Download  CFOI050100CE227 Click to download

File Size   238.02 Kbytes
Page   2 Pages
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.
Description 50GHz Compact Fiber Optical Interleaver

CFOI050100CE227 Datasheet (HTML) - OPLINK Communications Inc.

CFOI050100CE227 Datasheet HTML 1Page - OPLINK Communications Inc. CFOI050100CE227 Datasheet HTML 2Page - OPLINK Communications Inc.



Similar Part No. - CFOI050100CE227

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CFOI050100CE227 OPLINK-CFOI050100CE227 Datasheet
347Kb / 2P
   50GHz Compact Fiber Optical Interleaver
More results


Similar Description - CFOI050100CE227

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CFOI050 OPLINK-CFOI050 Datasheet
347Kb / 2P
   50GHz Compact Fiber Optical Interleaver
CFOI050-S0004 OPLINK-CFOI050-S0004 Datasheet
347Kb / 2P
   Green 50GHz Compact Fiber Optical Interleaver
CFOI100 OPLINK-CFOI100 Datasheet
231Kb / 2P
   100GHz Compact Fiber Optical Interleaver
CFOI100-S0005 OPLINK-CFOI100-S0005 Datasheet
218Kb / 2P
   100GHz Compact Fiber Optical Interleaver
CFOI025 OPLINK-CFOI025 Datasheet
192Kb / 2P
   25GHz Compact Fiber Optical Interleaver
logo
Finisar Corporation.
FINF050-100CLA1 FINISAR-FINF050-100CLA1 Datasheet
164Kb / 2P
   50GHz Interleaver
logo
OPLINK Communications I...
CFOI025-S0387 OPLINK-CFOI025-S0387 Datasheet
192Kb / 2P
   Green 25GHz Compact Fiber Optical Interleaver
CFOI100 OPLINK-CFOI100 Datasheet
200Kb / 2P
   Optical Interleaver
logo
Roithner LaserTechnik G...
FCC-6512-5 ROITHNER-FCC-6512-5 Datasheet
99Kb / 2P
   Optical Fiber Checker
logo
OPLINK Communications I...
DURA-S0317 OPLINK-DURA-S0317 Datasheet
176Kb / 2P
   Optical Fiber Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com