Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS177 Datasheet (PDF) - SynSemi, Inc.

1SS177 Datasheet PDF - SynSemi, Inc.
Part # 1SS177
Download  1SS177 Download

File Size   33.7 Kbytes
Page   1 Pages
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.
Description HIGH SPEED SWITCHING DIODE

1SS177 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SS177 Datasheet PDF - SynSemi, Inc.

Part # 1SS177
Download  1SS177 Click to download

File Size   33.7 Kbytes
Page   1 Pages
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.
Description HIGH SPEED SWITCHING DIODE

1SS177 Datasheet (HTML) - SynSemi, Inc.

1SS177 Datasheet HTML 1Page - SynSemi, Inc.

1SS177 Product details

FEATURES :
• High switching speed: max. 4 ns
• Continuous reverse voltage:max. 50 V
• Repetitive peak reverse voltage:max. 55 V
• Pb / RoHS Free




Similar Part No. - 1SS177

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1SS177 EIC-1SS177 Datasheet
38Kb / 1P
   HIGH SPEED SWITCHING DIODE
logo
SUNMATE electronic Co.,...
1SS177 SUNMATE-1SS177 Datasheet
158Kb / 1P
   100mA Axial Leaded High Speed Switching Diode
More results


Similar Description - 1SS177

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com