Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5663TPT Datasheet (PDF) - Chenmko Enterprise Co. Ltd.

2SC5663TPT Datasheet PDF - Chenmko Enterprise Co. Ltd.
Part # 2SC5663TPT
Download  2SC5663TPT Download

File Size   573.32 Kbytes
Page   3 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description Low Ferquency NPN Transistor

2SC5663TPT Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5663TPT Datasheet PDF - Chenmko Enterprise Co. Ltd.

Part # 2SC5663TPT
Download  2SC5663TPT Click to download

File Size   573.32 Kbytes
Page   3 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description Low Ferquency NPN Transistor

2SC5663TPT Datasheet (HTML) - Chenmko Enterprise Co. Ltd.

2SC5663TPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2SC5663TPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2SC5663TPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.

2SC5663TPT Product details

VOLTAGE 12 Volts CURRENT 0.5 Ampere

FEATURE
* Small surface mounting type. (SC-75/SOT-416)
* High current
* Collector saturation voltage is low.
   VCE(sat)<=250mA
   At Ic=200mA/IB=10mA

APPLICATION
* For switching,for muting.

CONSTRUCTION
* NPN Silicon Transistor




Similar Part No. - 2SC5663TPT

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5663 ROHM-2SC5663 Datasheet
69Kb / 3P
   Low frequency transistor (12V, 0.5A)
logo
Jiangsu Changjiang Elec...
2SC5663 JIANGSU-2SC5663 Datasheet
649Kb / 4P
   SOT-723 Plastic-Encapsulate Transistors
logo
Chenmko Enterprise Co. ...
2SC5663PT CHENMKO-2SC5663PT Datasheet
155Kb / 3P
   Low Ferquency NPN Transistor
More results


Similar Description - 2SC5663TPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
2SC5663PT CHENMKO-2SC5663PT Datasheet
155Kb / 3P
   Low Ferquency NPN Transistor
2SA2030PT CHENMKO-2SA2030PT Datasheet
119Kb / 3P
   Low Ferquency PNP Transistor
2SA2119TPT CHENMKO-2SA2119TPT Datasheet
220Kb / 3P
   Low Ferquency PNP Transistor
2SA2119PT CHENMKO-2SA2119PT Datasheet
102Kb / 3P
   Low Ferquency PNP Transistor
logo
Fairchild Semiconductor
NZT902 FAIRCHILD-NZT902 Datasheet
204Kb / 5P
   NPN Low Saturation Transistor
NZD560A FAIRCHILD-NZD560A Datasheet
65Kb / 6P
   NPN Low Saturation Transistor
NZT560A FAIRCHILD-NZT560A_09 Datasheet
182Kb / 5P
   NPN Low Saturation Transistor
logo
Taiwan Semiconductor Co...
TSD2150A TSC-TSD2150A_14 Datasheet
322Kb / 4P
   Low Vcesat NPN Transistor
logo
GTM CORPORATION
GL5672 GTM-GL5672 Datasheet
163Kb / 2P
   NPN LOW FREQUENCY TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC5904 TSC-TSC5904 Datasheet
316Kb / 4P
   Low Vcesat NPN Transistor
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com