Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK415-140-E Datasheet (PDF) - Sanyo Semicon Device

STK415-140-E Datasheet PDF - Sanyo Semicon Device
Part # STK415-140-E
Download  STK415-140-E Download

File Size   186.81 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-Channel Power Switching Audio Power IC, 120W120W

STK415-140-E Datasheet (PDF)

Go To PDF Page Download Datasheet
STK415-140-E Datasheet PDF - Sanyo Semicon Device

Part # STK415-140-E
Download  STK415-140-E Click to download

File Size   186.81 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-Channel Power Switching Audio Power IC, 120W120W

STK415-140-E Datasheet (HTML) - Sanyo Semicon Device

Back Button STK415-140-E Datasheet HTML 1Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 2Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 3Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 4Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 5Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 6Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 7Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 8Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 9Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 10Page - Sanyo Semicon Device Next Button 

STK415-140-E Product details

Overview
The STK415-140-E is a class H audio power amplifier hybrid IC that features a built-in power supply switching circuit. This IC provides high efficiency audio power amplification by controlling (switching) the supply voltage supplied to the power devices according to the detected level of the input audio signal.

Features
• Pin-to-pin compatible outputs ranging from 80W to 180W.
• Can be used to replace the STK416-100 series (3-channel models) and the class-AB series (2, 3-channel models) due to its pin compatibility.
• Pure complementary construction by new Darlington power transistors
• Output load impedance: RL = 8Ω to 4Ω supported
• Using insulated metal substrate that features superlative heat dissipation characteristics that are among the highest in the industry.

Applications
• Audio power amplifiers.




Similar Part No. - STK415-140-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK415-100-E SANYO-STK415-100-E Datasheet
187Kb / 12P
   2-Channel Power Switching Audio Power IC, 60W60W
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 80W80W
STK415-130-E SANYO-STK415-130-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 100W100W
More results


Similar Description - STK415-140-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-120-E SANYO-STK433-120-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 120W120W
STK404-120N-E SANYO-STK404-120N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC 120W
logo
International Rectifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
logo
Mean Well Enterprises C...
HLG-120 MEANWELL-HLG-120_11 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120_1107 MEANWELL-HLG-120_1107 Datasheet
371Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
logo
Astrodyne Corporation
AD-120 ASTRODYNE-AD-120 Datasheet
1Mb / 6P
   120W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-120 MEANWELL-D-120 Datasheet
453Kb / 2P
   120W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
Q-120 RSG-Q-120 Datasheet
139Kb / 2P
   120W Quad Output Switching Power Supply
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com