Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHB200W Datasheet (PDF) - RSG Electronic Components GmbH

CHB200W Datasheet PDF - RSG Electronic Components GmbH
Part # CHB200W
Download  CHB200W Download

File Size   205.68 Kbytes
Page   1 Pages
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH
Description 132-200 WATT 4:1 INPUT RANGE DC-DC CONVERTERS

CHB200W Datasheet (PDF)

Go To PDF Page Download Datasheet
CHB200W Datasheet PDF - RSG Electronic Components GmbH

Part # CHB200W
Download  CHB200W Click to download

File Size   205.68 Kbytes
Page   1 Pages
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH
Description 132-200 WATT 4:1 INPUT RANGE DC-DC CONVERTERS

CHB200W Datasheet (HTML) - RSG Electronic Components GmbH

CHB200W Datasheet HTML 1Page - RSG Electronic Components GmbH

CHB200W Product details

FEATURE
* 132 - 200W Isolated Output
* Efficiency to 89%
* Fixed Switching Frequency
* Monotonic start-up
* Input under-voltage Protection
* Over Temperature Protection
* Over Voltage/Current Protection
* Remote ON/OFF
* Industry Standard Half-Brick Package
* Fully Isolated 1500VDC




Similar Part No. - CHB200W

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CHB200W CINCON-CHB200W Datasheet
201Kb / 2P
   165 - 200 WATT 4:1 INPUT DC-DC CONVERTERS
CHB200W-110S CINCON-CHB200W-110S Datasheet
571Kb / 2P
   200 WATT 4:1 INPUT DC-DC CONVERTERS
CHB200W-110S05 CINCON-CHB200W-110S05 Datasheet
571Kb / 2P
   200 WATT 4:1 INPUT DC-DC CONVERTERS
CHB200W-110S12 CINCON-CHB200W-110S12 Datasheet
571Kb / 2P
   200 WATT 4:1 INPUT DC-DC CONVERTERS
CHB200W-110S24 CINCON-CHB200W-110S24 Datasheet
571Kb / 2P
   200 WATT 4:1 INPUT DC-DC CONVERTERS
More results


Similar Description - CHB200W

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CHB200W-24S3V3 RSG-CHB200W-24S3V3 Datasheet
192Kb / 2P
   132 TO 200 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
CINCON ELECTRONICS Corp...
CHB200W-110S CINCON-CHB200W-110S Datasheet
571Kb / 2P
   200 WATT 4:1 INPUT DC-DC CONVERTERS
CHB200W CINCON-CHB200W Datasheet
201Kb / 2P
   165 - 200 WATT 4:1 INPUT DC-DC CONVERTERS
logo
RSG Electronic Componen...
CQB100W RSG-CQB100W Datasheet
136Kb / 1P
   100 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC4BW CINCON-EC4BW Datasheet
322Kb / 2P
   10 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC8AW CINCON-EC8AW Datasheet
204Kb / 2P
   15 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC1SC01 CINCON-EC1SC01 Datasheet
195Kb / 2P
   20 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC3AW CINCON-EC3AW Datasheet
187Kb / 2P
   3 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
RSG Electronic Componen...
CQB75W RSG-CQB75W Datasheet
135Kb / 1P
   75 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC4AW CINCON-EC4AW Datasheet
193Kb / 2P
   3.3-6 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com