Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08QB8 Datasheet (PDF) - Freescale Semiconductor, Inc

MC9S08QB8 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC9S08QB8
Download  MC9S08QB8 Download

File Size   1333.34 Kbytes
Page   36 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 8-Bit HCS08 Central Processor Unit

MC9S08QB8 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC9S08QB8 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC9S08QB8
Download  MC9S08QB8 Click to download

File Size   1333.34 Kbytes
Page   36 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 8-Bit HCS08 Central Processor Unit

MC9S08QB8 Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button MC9S08QB8 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08QB8 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08QB8 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08QB8 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08QB8 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08QB8 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QB8 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QB8 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QB8 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08QB8 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

MC9S08QB8 Product details

Features

• 8-Bit HCS08 Central Processor Unit (CPU)

   – Up to 20 MHz CPU at 3.6 V to 1.8 V across temperature range of –40 °C to 85 °C

   – HC08 instruction set with added BGND instruction

   – Support for up to 32 interrupt/reset sources

• On-Chip Memory

   – Up to 8 KB flash memory read/program/erase over full operating voltage and temperature

   – Up to 512 bytes random-access memory (RAM)

   – Security circuitry to prevent unauthorized access to RAM and flash contents

• Power-Saving Modes

   – Two very low power stop modes

   – Peripheral clock enable register can disable clocks to unused modules, thereby reducing currents

   – Low power run

   – Low power wait

   – 6 μs typical wakeup time from stop3 mode

   – Typical stop current of 250 nA at 3 V, 25 °C

• Clock Source Options

   – Oscillator (XOSC) — Very low-power, loop-control Pierce oscillator; crystal or ceramic resonator range of 31.25 kHz to 38.4 kHz or 1 MHz to 16 MHz

   – Internal Clock Source (ICS) — Internal clock source module containing a frequency-locked-loop (FLL) controlled by internal reference; precision trimming of internal reference allows 0.2% resolution and 2% deviation over temperature and voltage; supports bus frequencies from 1 MHz to 10 MHz

• System Protection

   – Watchdog computer operating properly (COP) reset with option to run from dedicated 1 kHz internal clock source or bus clock

   – Low-voltage detection with reset or interrupt; selectable trip points

   – Illegal opcode detection with reset

   – Illegal address detection with reset

   – Flash block protection

• Development Support

   – Single-wire background debug interface

   – Breakpoint capability to allow single breakpoint setting during in-circuit debugging

• Peripherals

   – ADC — 8-channel, 12-bit resolution; 2.5 μs conversion time; automatic compare function; 1.7 mV/°C temperature sensor; internal bandgap reference channel; operation in stop3; fully functional from 3.6 V to 1.8 V.

   – ACMP — Analog comparator with selectable interrupt on rising, falling, or either edge of comparator output; compare option to fixed internal bandgap reference voltage; output can be tied internally to TPM input capture; operation in stop3

   – TPM — One 1-channel timer/pulse-width modulator (TPM) module; selectable input capture, output compare, or buffered edge- or center-aligned PWM on each channel; ACMP output can be tied internally to input capture

   – MTIM — 8-bit modulo timer module with optional prescaler

   – RTC — (Real-time counter) 8-bit modulo counter with binary or decimal based prescaler; external clock source for precise time base, time-of-day, calendar or task scheduling functions; free running on-chip low power oscillator (1 kHz) for cyclic wakeup without external components; runs in all MCU modes

   – SCI — Full duplex non-return to zero (NRZ); LIN master extended break generation; LIN slave extended break detection; wakeup on active edge

   – KBI — 8-pin keyboard interrupt with selectable edge

and level detection modes

• Input/Output

   – 22 GPIOs and one input-only and one output-only pin.

   – Hysteresis and configurable pullup device on all input pins; configurable slew rate and drive strength on all output pins except PTA5.

• Package Options

   – 28-pin SOIC, 24-pin QFN, 16-pin TSSOP



 




Similar Part No. - MC9S08QB8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08QB8 NXP-MC9S08QB8 Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08QB8 NXP-MC9S08QB8 Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08QB8 NXP-MC9S08QB8 Datasheet
6Mb / 352P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08QB8 NXP-MC9S08QB8 Datasheet
778Kb / 35P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results


Similar Description - MC9S08QB8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QG8 FREESCALE-MC9S08QG8 Datasheet
3Mb / 300P
   8-BIT HCS08 Central Processor Unit
MC9S08QE128 FREESCALE-MC9S08QE128 Datasheet
829Kb / 52P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8 Datasheet
947Kb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08LL16 FREESCALE-MC9S08LL16 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8_09 Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08SE8 FREESCALE-MC9S08SE8 Datasheet
2Mb / 38P
   8-Bit HCS08 Central Processor Unit
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com