Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK11C68 Datasheet (PDF) - Cypress Semiconductor

STK11C68 Datasheet PDF - Cypress Semiconductor
Part # STK11C68
Download  STK11C68 Download

File Size   556.93 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64 Kbit (8K x 8) SoftStore nvSRAM

STK11C68 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK11C68 Datasheet PDF - Cypress Semiconductor

Part # STK11C68
Download  STK11C68 Click to download

File Size   556.93 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64 Kbit (8K x 8) SoftStore nvSRAM

STK11C68 Datasheet (HTML) - Cypress Semiconductor

Back Button STK11C68 Datasheet HTML 1Page - Cypress Semiconductor STK11C68 Datasheet HTML 2Page - Cypress Semiconductor STK11C68 Datasheet HTML 3Page - Cypress Semiconductor STK11C68 Datasheet HTML 4Page - Cypress Semiconductor STK11C68 Datasheet HTML 5Page - Cypress Semiconductor STK11C68 Datasheet HTML 6Page - Cypress Semiconductor STK11C68 Datasheet HTML 7Page - Cypress Semiconductor STK11C68 Datasheet HTML 8Page - Cypress Semiconductor STK11C68 Datasheet HTML 9Page - Cypress Semiconductor STK11C68 Datasheet HTML 10Page - Cypress Semiconductor Next Button 

STK11C68 Product details

Functional Description
The Cypress STK11C68 is a 64Kb fast static RAM with a nonvolatile element in each memory cell. The embedded nonvolatile elements incorporate QuantumTrap technology producing the world’s most reliable nonvolatile memory. The SRAM provides unlimited read and write cycles, while independent nonvolatile data resides in the highly reliable QuantumTrap cell. Data transfers under software control from SRAM to the nonvolatile elements (the STORE operation). On power up, data is automatically restored to the SRAM (the RECALL operation) from the nonvolatile memory. RECALL operations are also available under software control.

Features
■ 25 ns, 35 ns, and 45 ns access times
■ Pin compatible with industry standard SRAMs
■ Software initiated nonvolatile STORE
■ Unlimited Read and Write endurance
■ Automatic RECALL to SRAM on power up
■ Unlimited RECALL cycles
■ 1,000,000 STORE cycles
■ 100 year data retention
■ Single 5V+10% operation
■ Commercial and industrial temperature
■ 28-pin (330 mil) SOIC package
■ 28-pin (300 mil) CDIP and 28-pad (350 mil) LCC packages
■ RoHS compliance




Similar Part No. - STK11C68

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C68 SIMTEK-STK11C68 Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
logo
Cypress Semiconductor
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
STK11C68-5C35M ETC-STK11C68-5C35M Datasheet
59Kb / 10P
   CMOS NV SRAM
logo
Cypress Semiconductor
STK11C68-5C35M CYPRESS-STK11C68-5C35M Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
More results


Similar Description - STK11C68

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com