Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1008F-272+ Datasheet (PDF) - PREMO CORPORATION S.L

CS1008F-272+ Datasheet PDF - PREMO CORPORATION S.L
Part # CS1008F-272+
Download  CS1008F-272+ Download

File Size   267.17 Kbytes
Page   1 Pages
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L
Description Ceramic Chip Inductor 1008 High Q (10nH-4700nH)

CS1008F-272+ Datasheet (PDF)

Go To PDF Page Download Datasheet
CS1008F-272+ Datasheet PDF - PREMO CORPORATION S.L

Part # CS1008F-272+
Download  CS1008F-272+ Click to download

File Size   267.17 Kbytes
Page   1 Pages
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L
Description Ceramic Chip Inductor 1008 High Q (10nH-4700nH)

CS1008F-272+ Datasheet (HTML) - PREMO CORPORATION S.L

CS1008F-272+ Datasheet HTML 1Page - PREMO CORPORATION S.L



Similar Part No. - CS1008F-272+

ManufacturerPart #DatasheetDescription
logo
Power-One
CS1001-7R POWER-ONE-CS1001-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
CUI INC
CS1005B CUI-CS1005B Datasheet
340Kb / 4P
   CURRENT SENSOR
CS1005B CUI-CS1005B Datasheet
362Kb / 4P
   CURRENT SENSOR
02/19/2020
logo
SAMWHA ELECTRIC
CS1005C0G104B100NBA SAMWHA-CS1005C0G104B100NBA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
CS1005C0G104B100NBB SAMWHA-CS1005C0G104B100NBB Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
More results


Similar Description - CS1008F-272+

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FS1008 PREMO-FS1008 Datasheet
150Kb / 1P
   Ferrite Chip Inductor 1008 High L
CS0402 PREMO-CS0402 Datasheet
345Kb / 2P
   Ceramic Chip Inductor 0402 High Q(1nH-120nH)
CS0805F PREMO-CS0805F Datasheet
360Kb / 2P
   Ceramic Chip Inductor 0805 High Q (2.2nH-1000nH)
CS0603 PREMO-CS0603 Datasheet
382Kb / 2P
   Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
logo
Murata Manufacturing Co...
LQM2HPN2R2MG0L MURATA-LQM2HPN2R2MG0L Datasheet
55Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type) LQM2HP_G0 Series (1008 Size)
logo
Allied Components Inter...
HFQ02 ALLIED-HFQ02 Datasheet
591Kb / 2P
   High Frequency, High Q Chip Inductor
logo
KOA Speer Electronics, ...
KQ1008TTE10NJ KOA-KQ1008TTE10NJ Datasheet
285Kb / 5P
   high Q inductor
logo
Allied Components Inter...
CHQ05-2N5K-RC ALLIED-CHQ05-2N5K-RC Datasheet
410Kb / 1P
   Ceramic Core High Q Chip Inductors
logo
MPS Industries, Inc.
R7X0402CM MPSIND-R7X0402CM Datasheet
198Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
R7X0603CW MPSIND-R7X0603CW Datasheet
199Kb / 1P
   HIGH FREQUENCY CERAMIC CHIP INDUCTOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com