Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7861 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7861 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7861
Download  SPT7861 Download

File Size   180.5 Kbytes
Page   11 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10-BIT, 40 MSPS, 160 mW A/D CONVERTER

SPT7861 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7861 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7861
Download  SPT7861 Click to download

File Size   180.5 Kbytes
Page   11 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10-BIT, 40 MSPS, 160 mW A/D CONVERTER

SPT7861 Datasheet (HTML) - Cadeka Microcircuits LLC.

Back Button SPT7861 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7861 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7861 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7861 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7861 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7861 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7861 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7861 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7861 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7861 Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button 

SPT7861 Product details

GENERAL DESCRIPTION
The SPT7861 is a 10-bit monolithic, low-cost, ultralow-power analog-to-digital converter capable of minimum word rates of 40 MSPS.This is a pin-compatible improved version of the SPT7860. The on-chip track-and-hold function assures excellent dynamic performance without the need for external components. The input drive requirements are minimized due to the SPT7861’s low input capacitance of only 5 pF.

FEATURES
• Monolithic 40 MSPS converter
• 160 mW power dissipation
• On-chip track-and-hold
• Single +5 V power supply
• TTL/CMOS outputs
• 5 pF input capacitance
• Low cost
• Tri-state output buffers
• High ESD protection: 3,500 V minimum
• Selectable +3 V or +5 V logic I/O

APPLICATIONS
• All high-speed applications where low power dissipation is required
• Video imaging
• Medical imaging
• Radar receivers
• IR imaging
• Digital communications




Similar Part No. - SPT7861

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7861SCS FAIRCHILD-SPT7861SCS Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7861SCT FAIRCHILD-SPT7861SCT Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
More results


Similar Description - SPT7861

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876_15 Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com