Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC337-40 Datasheet (PDF) - Jiangsu Changjiang Electronics Technology Co., Ltd

BC337-40 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd
Part # BC337-40
Download  BC337-40 Download

File Size   38.82 Kbytes
Page   1 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TO-92 Plastic-Encapsulate Transistors

BC337-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC337-40 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BC337-40
Download  BC337-40 Click to download

File Size   38.82 Kbytes
Page   1 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TO-92 Plastic-Encapsulate Transistors

BC337-40 Datasheet (HTML) - Jiangsu Changjiang Electronics Technology Co., Ltd

BC337-40 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd

BC337-40 Product details

TRANSISTOR (NPN)

FEATURES
   Power dissipation
      PCM: 0.625 W (Tamb=25℃)
   Collector current
      ICM: 0.8 A
   Collector-base voltage
      VCBO: BC337 50 V
                  BC338 30 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - BC337-40

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC337-40 MOTOROLA-BC337-40 Datasheet
163Kb / 4P
   Amplifier Transistor
logo
Taiwan Semiconductor Co...
BC337-40 TSC-BC337-40 Datasheet
275Kb / 5P
   NPN Transistor
logo
NXP Semiconductors
BC337-40 PHILIPS-BC337-40 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Apr 15
logo
Micro Commercial Compon...
BC337-40 MCC-BC337-40 Datasheet
375Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
BC337-40 SIEMENS-BC337-40 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
More results


Similar Description - BC337-40

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com