Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NESG2021M16 Datasheet (PDF) - NEC

NESG2021M16 Datasheet PDF - NEC
Part # NESG2021M16
Download  NESG2021M16 Download

File Size   120.23 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)

NESG2021M16 Datasheet (PDF)

Go To PDF Page Download Datasheet
NESG2021M16 Datasheet PDF - NEC

Part # NESG2021M16
Download  NESG2021M16 Click to download

File Size   120.23 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)

NESG2021M16 Datasheet (HTML) - NEC

Back Button NESG2021M16 Datasheet HTML 1Page - NEC NESG2021M16 Datasheet HTML 2Page - NEC NESG2021M16 Datasheet HTML 3Page - NEC NESG2021M16 Datasheet HTML 4Page - NEC NESG2021M16 Datasheet HTML 5Page - NEC NESG2021M16 Datasheet HTML 6Page - NEC NESG2021M16 Datasheet HTML 7Page - NEC NESG2021M16 Datasheet HTML 8Page - NEC NESG2021M16 Datasheet HTML 9Page - NEC NESG2021M16 Datasheet HTML 10Page - NEC Next Button 

NESG2021M16 Product details

NPN SiGe RF TRANSISTOR FOR
LOW NOISE, HIGH-GAIN AMPLIFICATION
6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)

FEATURES
• The device is an ideal choice for low noise, high-gain at low current amplifications
   NF = 0.9 dB TYP., Ga = 18.0 dB TYP. @ VCE = 2 V, IC = 3 mA, f = 2 GHz
   NF = 1.3 dB TYP., Ga = 10.0 dB TYP. @ VCE = 2 V, IC = 3 mA, f = 5.2 GHz
• Maximum stable power gain: MSG = 22.5 dB TYP. @ VCE = 3 V, IC = 10 mA, f = 2 GHz
• High breakdown voltage technology for SiGe Tr. adopted: VCEO (absolute maximum ratings) = 5.0 V
• 6-pin lead-less minimold (M16, 1208 PKG)




Similar Part No. - NESG2021M16

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2021M16 CEL-NESG2021M16 Datasheet
861Kb / 11P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
Renesas Technology Corp
NESG2021M16 RENESAS-NESG2021M16 Datasheet
337Kb / 14P
   NPN SILICON GERMANIUM RF TRANSISTOR
2009
logo
California Eastern Labs
NESG2021M16-A CEL-NESG2021M16-A Datasheet
861Kb / 11P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
Renesas Technology Corp
NESG2021M16-A RENESAS-NESG2021M16-A Datasheet
337Kb / 14P
   NPN SILICON GERMANIUM RF TRANSISTOR
2009
More results


Similar Description - NESG2021M16

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2031M16 NEC-NESG2031M16 Datasheet
119Kb / 12P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
California Eastern Labs
NESG2021M16 CEL-NESG2021M16 Datasheet
861Kb / 11P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
NEC
NESG2101M16 NEC-NESG2101M16_1 Datasheet
135Kb / 13P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (125 mW) 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
NESG4030M14 NEC-NESG4030M14 Datasheet
112Kb / 10P
   NPN SiGe:C RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION 4-PIN LEAD-LESS MINIMOLD (M14, 1208 PKG)
logo
California Eastern Labs
NESG210719 CEL-NESG210719 Datasheet
1Mb / 9P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN Amplification 3-Pin Ultra Super Minimold (19, 1608 PKG)
NESG3031M05-T1-A CEL-NESG3031M05-T1-A Datasheet
673Kb / 9P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M05, 2012 PKG)
logo
NEC
NESG210833 NEC-NESG210833 Datasheet
103Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG220033 NEC-NESG220033 Datasheet
95Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG240033 NEC-NESG240033 Datasheet
103Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
logo
Renesas Technology Corp
NESG220033 RENESAS-NESG220033 Datasheet
224Kb / 10P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com