Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMJ44C251B Datasheet (PDF) - Austin Semiconductor

SMJ44C251B Datasheet PDF - Austin Semiconductor
Part # SMJ44C251B
Download  SMJ44C251B Download

File Size   1265.41 Kbytes
Page   57 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM

SMJ44C251B Datasheet (PDF)

Go To PDF Page Download Datasheet
SMJ44C251B Datasheet PDF - Austin Semiconductor

Part # SMJ44C251B
Download  SMJ44C251B Click to download

File Size   1265.41 Kbytes
Page   57 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM

SMJ44C251B Datasheet (HTML) - Austin Semiconductor

Back Button SMJ44C251B Datasheet HTML 1Page - Austin Semiconductor SMJ44C251B Datasheet HTML 2Page - Austin Semiconductor SMJ44C251B Datasheet HTML 3Page - Austin Semiconductor SMJ44C251B Datasheet HTML 4Page - Austin Semiconductor SMJ44C251B Datasheet HTML 5Page - Austin Semiconductor SMJ44C251B Datasheet HTML 6Page - Austin Semiconductor SMJ44C251B Datasheet HTML 7Page - Austin Semiconductor SMJ44C251B Datasheet HTML 8Page - Austin Semiconductor SMJ44C251B Datasheet HTML 9Page - Austin Semiconductor SMJ44C251B Datasheet HTML 10Page - Austin Semiconductor Next Button 

SMJ44C251B Product details

DESCRIPTION
The SMJ44C251B/MT42C4256 multiport video RAM is a high-speed, dual-ported memory device. It consists of a dynamic random-access memory (DRAM) organized as 262144 words of 4 bits each interfaced to a serial-data register or serial-access memory (SAM) organized as 512 words of 4 bits each. The SMJ44C251B/MT42C4256 supports three types of operation: random access to and from the DRAM, serial access to and from the serial register, and bidirectional transfer of data between any row in the DRAM and the serial register. Except during transfer operations, the SMJ44C251B/MT42C4256 can be accessed simultaneously and asynchronously from the DRAM and SAM ports.

FEATURES
• Class B High-Reliability Processing
• DRAM: 262144 Words × 4 Bits SAM: 512 Words × 4 Bits
• Single 5-V Power Supply (±10% Tolerance)
• Dual Port Accessibility–Simultaneous and Asynchronous Access From the DRAM and SAM Ports
• Bidirectional-Data-Transfer Function Between the DRAM and the Serial-Data Register
• 4 × 4 Block-Write Feature for Fast Area Fill Operations; As Many as Four Memory Address Locations Written per Cycle From an On-Chip Color Register
• Write-Per-Bit Feature for Selective Write to Each RAM I/O; Two Write-Per-Bit Modes to Simplify System Design
• Enhanced Page-Mode Operation for Faster Access
• CAS-Before-RAS (CBR) and Hidden Refresh Modes
• All Inputs/Outputs and Clocks Are TTL Compatible
• Long Refresh Period: Every 8 ms (Max)
• Up to 33-MHz Uninterrupted Serial-Data Streams
• 3-State Serial I/Os Allow Easy Multiplexing of Video-Data Streams
• 512 Selectable Serial-Register Starting
• Split Serial-Data Register for Simplified Real-Time Register Reload




Similar Part No. - SMJ44C251B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
More results


Similar Description - SMJ44C251B

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4C4256883C AUSTIN-AS4C4256883C Datasheet
7Mb / 11P
   256K x 4 DRAM
logo
Hynix Semiconductor
HY534256A HYNIX-HY534256A Datasheet
755Kb / 15P
   256K x 4-bit CMOS DRAM
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY7C106B CYPRESS-CY7C106B Datasheet
161Kb / 10P
   256K x 4 Static RAM
logo
ATMEL Corporation
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
   256K x 4 Static RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com