Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6439 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

2N6439 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # 2N6439
Download  2N6439 Download

File Size   213.1 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 60W, 225 to 400MHz, 28V

2N6439 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6439 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # 2N6439
Download  2N6439 Click to download

File Size   213.1 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 60W, 225 to 400MHz, 28V

2N6439 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

2N6439 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N6439 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N6439 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N6439 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. 2N6439 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. 2N6439 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.

2N6439 Product details

The RF Line NPN Silicon Power Transistor 60 W, 225 - 400 MHz, 28 V

Designed primarily for wideband large–signal output amplifier stages in the 225 to 400 MHz frequency range.

• Guaranteed performance in 225 to 400 MHz broadband amplifier @ 28 Vdc
    Output power = 60 W over 225 to 400 MHz band
    Minimum gain = 7.8 dB @ 400 MHz
• Built–in matching network for broadband operation using double match technique
• 100% tested for load mismatch at all phase angles with 30:1 VSWR
• Gold metallization system for high reliability applications




Similar Part No. - 2N6439

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6439 MOTOROLA-2N6439 Datasheet
127Kb / 6P
   60 W, 225 to 400 MHz CONTROLLED ?쏲??BROADBAND RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
2N6439 MACOM-2N6439 Datasheet
137Kb / 6P
   POWER TRANSISTOR
logo
Advanced Semiconductor
2N6439 ASI-2N6439 Datasheet
27Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6439 NJSEMI-2N6439 Datasheet
197Kb / 2P
   BROADBAND RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
2N6439 MA-COM-2N6439 Datasheet
213Kb / 6P
   The RF Line NPN Silicon Power Transistor
More results


Similar Description - 2N6439

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF321 MA-COM-MRF321 Datasheet
224Kb / 5P
   The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
   The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
MRF321 MA-COM-MRF321 Datasheet
224Kb / 5P
   The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
   The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
MRF313 MA-COM-MRF313 Datasheet
113Kb / 4P
   The RF Line NPN Silicon High-Frequency Transistor 1.0W, 400MHz, 28V
MRF137 MA-COM-MRF137 Datasheet
404Kb / 11P
   The RF MOSFET Line 30W, to 400MHz, 28V
MRF137 MA-COM-MRF137 Datasheet
437Kb / 11P
   The RF MOSFET Line 30W, to 400MHz, 28V
MRF136Y MA-COM-MRF136Y Datasheet
412Kb / 10P
   The RF MOSFET Line 30W, to 400MHz, 28V
MRF136 MA-COM-MRF136 Datasheet
604Kb / 12P
   The RF MOSFET Line 15W, to 400MHz, 28V
MRF175LU MA-COM-MRF175LU_17 Datasheet
703Kb / 8P
   The RF MOSFET Line 100W, 400MHz, 28V
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com