Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA949 Datasheet (PDF) - Toshiba Semiconductor

2SA949 Datasheet PDF - Toshiba Semiconductor
Part # 2SA949
Download  2SA949 Download

File Size   145.93 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (DRIVER STAGE AUDIO AMPLIFIER, HIGH VOLTAGE SWITCHING APPLICATIONS)

2SA949 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA949 Datasheet PDF - Toshiba Semiconductor

Part # 2SA949
Download  2SA949 Click to download

File Size   145.93 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (DRIVER STAGE AUDIO AMPLIFIER, HIGH VOLTAGE SWITCHING APPLICATIONS)

2SA949 Datasheet (HTML) - Toshiba Semiconductor

2SA949 Datasheet HTML 1Page - Toshiba Semiconductor 2SA949 Datasheet HTML 2Page - Toshiba Semiconductor

2SA949 Product details

Driver-Stage Audio Amplifier Applications
High-Voltage Switching Applications

• High breakdown voltage: VCEO = −150 V
• Low output capacitance: Cob = 5.0 pF (max)
• High transition frequency: fT = 120 MHz (typ.)




Similar Part No. - 2SA949

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA949 TOSHIBA-2SA949 Datasheet
122Kb / 4P
   Driver-Stage Audio Amplifier Applications High-Voltage Switching Applications
logo
Inchange Semiconductor ...
2SA949 ISC-2SA949 Datasheet
269Kb / 2P
   isc Silicon PNP Power Transistor
logo
Toshiba Semiconductor
2SA949 TOSHIBA-2SA949_07 Datasheet
122Kb / 4P
   Driver-Stage Audio Amplifier Applications High-Voltage Switching Applications
More results


Similar Description - 2SA949

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA949 TOSHIBA-2SA949_07 Datasheet
122Kb / 4P
   Driver-Stage Audio Amplifier Applications High-Voltage Switching Applications
logo
Fairchild Semiconductor
KSA910 FAIRCHILD-KSA910 Datasheet
40Kb / 4P
   Driver Stage Of Audio Amplifier & High Voltage Switching Applications
logo
Samsung semiconductor
KSA910 SAMSUNG-KSA910 Datasheet
78Kb / 2P
   PNP (DRIVER STAGE AUDIO AMPLIFIER HIGH VOLTAGE SWITCHING APPLICATIONS)
logo
Toshiba Semiconductor
2SC2235 TOSHIBA-2SC2235 Datasheet
151Kb / 2P
   TRANSISTOR (AUDIO POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
2SA1588 TOSHIBA-2SA1588 Datasheet
143Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY LOW POWER AMPLIFIER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS
2SA1182 TOSHIBA-2SA1182 Datasheet
129Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY LOW POWER AMPLIFIER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS)
2SC2859 TOSHIBA-2SC2859 Datasheet
142Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY LOW POWER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS)
2SC1959 TOSHIBA-2SC1959 Datasheet
138Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY LOW POWER, DRIVER STAGE AMPLIFIER SWITCHING APPLICATIONS)
2SA562TM TOSHIBA-2SA562TM Datasheet
144Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY LOW POWER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS)
2SA817A TOSHIBA-2SA817A Datasheet
150Kb / 2P
   TRANSISTOR (DRIVER STAGE, VOLTAGE AMPLIFIER APPLICATIONS)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com