Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1067 Datasheet (PDF) - Toshiba Semiconductor

2SB1067 Datasheet PDF - Toshiba Semiconductor
Part # 2SB1067
Download  2SB1067 Download

File Size   149.04 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (MICRO NOTER DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)

2SB1067 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1067 Datasheet PDF - Toshiba Semiconductor

Part # 2SB1067
Download  2SB1067 Click to download

File Size   149.04 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (MICRO NOTER DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)

2SB1067 Datasheet (HTML) - Toshiba Semiconductor

2SB1067 Datasheet HTML 1Page - Toshiba Semiconductor 2SB1067 Datasheet HTML 2Page - Toshiba Semiconductor 2SB1067 Datasheet HTML 3Page - Toshiba Semiconductor

2SB1067 Product details

Micro-Moter Drive, Hammer Drive Applications
Switching Applications
Power Amplifier Applications

• High DC current gain: hFE = 2000 (min) (VCE = −2 V, IC = −1 A)
• Low saturation voltage: VCE (sat) = −1.5 V (max)
                                         (IC = −1 A, IB = −1 mA)




Similar Part No. - 2SB1067

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1067 TOSHIBA-2SB1067 Datasheet
192Kb / 5P
   Silicon PNP Epitaxial Type (Darlington Power Transistor)
2SB1067 TOSHIBA-2SB1067 Datasheet
179Kb / 5P
   Micro-Moter Drive, Hammer Drive Applications Switching Applications Power Amplifier Applications
2SB1067 TOSHIBA-2SB1067_06 Datasheet
192Kb / 5P
   Silicon PNP Epitaxial Type (Darlington Power Transistor)
2SB1067 TOSHIBA-2SB1067_09 Datasheet
179Kb / 5P
   Micro-Moter Drive, Hammer Drive Applications Switching Applications Power Amplifier Applications
More results


Similar Description - 2SB1067

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1457 TOSHIBA-2SB1457 Datasheet
155Kb / 4P
   TRANSISTOR (MICRO MOTOR DRIVE, HAMMER DRIVE , POWER SWITCHING, AMPLIFIER APPLICATIONS)
2SB1067 TOSHIBA-2SB1067_09 Datasheet
179Kb / 5P
   Micro-Moter Drive, Hammer Drive Applications Switching Applications Power Amplifier Applications
2SB1457 TOSHIBA-2SB1457_09 Datasheet
157Kb / 5P
   Micro Motor Drive, Hammer Drive Applications Power Switching Applications Power Amplifier Applications
2SB908 TOSHIBA-2SB908 Datasheet
173Kb / 4P
   TRANSISTOR (SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE, POWER AMPLIFIER APPLICATIONS)
2SD2130 TOSHIBA-2SD2130 Datasheet
218Kb / 4P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD2206 TOSHIBA-2SD2206 Datasheet
160Kb / 3P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1509 TOSHIBA-2SD1509 Datasheet
163Kb / 3P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1784 TOSHIBA-2SD1784 Datasheet
193Kb / 3P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SB907 TOSHIBA-2SB907_10 Datasheet
169Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SD1140 TOSHIBA-2SD1140 Datasheet
195Kb / 4P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com