Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA1132 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

PA1132 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # PA1132
Download  PA1132 Download

File Size   116.25 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Ultra Linear Driver Amplifier - 2 Watts 1800 to 2000 MHz

PA1132 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA1132 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # PA1132
Download  PA1132 Click to download

File Size   116.25 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Ultra Linear Driver Amplifier - 2 Watts 1800 to 2000 MHz

PA1132 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

PA1132 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. PA1132 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.

PA1132 Product details

Description
The PA1132 is a discrete hybrid linear power amplifier design, which uses thick film solder manufacturing processes for accurate performance and high reliability.
This 2 stage GaAs FET transistor design uses feedback loops for flat broadband linear performance, with very low noise figure. The model is particularly suited for power driver applications used in the base station & repeater infrastructure, and for commercial & military radios.

Features
• LOW NOISE FIGURE: 2.3 dB (TYP.)
• GAIN: 21.3 dB (TYP.)
• HIGH P1dB: +33.5 dBm (TYP.)
• HIGH IP3: +49 dBm (TYP.)
• BROADBAND RESPONSE: 1.5 GHz TO 2.2 GHz (TYP.)




Similar Part No. - PA1132

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA1132 MACOM-PA1132 Datasheet
37Kb / 1P
   1800-2000 MHz. Linear Power Amplifier
logo
Pulse A Technitrol Comp...
PA1132NL PULSE-PA1132NL Datasheet
101Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS PoE Power Transformers - EP7, EP10 & EP13
PA1132NL PULSE-PA1132NL Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1132NL PULSE-PA1132NL Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1132NL PULSE-PA1132NL Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results


Similar Description - PA1132

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA2003 MACOM-PA2003 Datasheet
230Kb / 2P
   Ultra Linear Driver Amplifier 1800 to 2000 MHz
logo
M/A-COM Technology Solu...
PA2003 MA-COM-PA2003 Datasheet
115Kb / 2P
   Ultra Linear Driver Amplifier 1800 to 2000 MHz
PA2001 MA-COM-PA2001 Datasheet
107Kb / 1P
   Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
logo
Tyco Electronics
PA2001 MACOM-PA2001 Datasheet
237Kb / 1P
   Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
PA1132 MACOM-PA1132 Datasheet
37Kb / 1P
   1800-2000 MHz. Linear Power Amplifier
PA1152 MACOM-PA1152 Datasheet
34Kb / 1P
   1800 -2000 MHz. Ultra Low Noise Linear Power Amplifier
PA1153 MACOM-PA1153 Datasheet
34Kb / 1P
   1800 -2000 MHz. Low Noise Linear Power Amplifier
PA1110 MACOM-PA1110 Datasheet
38Kb / 1P
   1800-2000 MHz.Ultra Linear Power Amplifier
PA1214 MACOM-PA1214 Datasheet
58Kb / 2P
   1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1219 MACOM-PA1219 Datasheet
46Kb / 2P
   1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com