Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A64 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A64 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A64
Download  A64 Download

File Size   1336.53 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 1200 MHz

A64 Datasheet (PDF)

Go To PDF Page Download Datasheet
A64 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A64
Download  A64 Click to download

File Size   1336.53 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 1200 MHz

A64 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

A64 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A64 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.

A64 Product details

Description
The A64 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for consistent performance and high reliability.
This 2 stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network insures temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available

Features
● LOW NOISE: 3.0 dB (TYP.)
● HIGH GAIN - TWO STAGES: 26 dB (TYP.)
● ULTRA LOW PHASE DEVIATION FROM
   LINEARITY: <±2°, 100-1000 MHz
● LOW VSWR: 1.2:1 (TYP.)




Similar Part No. - A64

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A64 MACOM-A64 Datasheet
110Kb / 1P
   10 TO 1200 MHz CASCADABLE AMPLIFIER
A64 MACOM-A64 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
Connor-Winfield Corpora...
A64 CONNOR-WINFIELD-A64 Datasheet
53Kb / 1P
   8 PIN DIP ACMOS
logo
M/A-COM Technology Solu...
A64 MA-COM-A64 Datasheet
650Kb / 3P
   Cascadable Amplifier
A64-SMA64 MA-COM-A64-SMA64 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results


Similar Description - A64

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A64 MACOM-A64 Datasheet
110Kb / 1P
   10 TO 1200 MHz CASCADABLE AMPLIFIER
A64 MACOM-A64_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
M/A-COM Technology Solu...
A1211 MA-COM-A1211 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
Tyco Electronics
A1211 MACOM-A1211_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
A16-2 MACOM-A16-2 Datasheet
357Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
A1211 MACOM-A1211 Datasheet
111Kb / 1P
   10 TO 1200 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA21-1 MA-COM-SMA21-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
Tyco Electronics
A21-1 MACOM-A21-1_1 Datasheet
365Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
A66 MACOM-A66 Datasheet
85Kb / 1P
   10 TO 1200 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1200 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com