Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A67-1 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A67-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A67-1
Download  A67-1 Download

File Size   1346.38 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 600 MHz

A67-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
A67-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A67-1
Download  A67-1 Click to download

File Size   1346.38 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 600 MHz

A67-1 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

A67-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A67-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.

A67-1 Product details

Description
The A67-1 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Use of an impedance transformer offers the benefit of high dynamic range and high efficiency.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
● HIGH EFFICIENCY: +17.0 dBm (TYP.) OUTPUT POWER AT 36 mA (TYP.)
● LOW NOISE FIGURE: 3.6 dB (TYP.)
● WIDE POWER SUPPLY RANGE: +5 TO +15 VOLTS




Similar Part No. - A67-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A67-1 MACOM-A67-1 Datasheet
100Kb / 1P
   10 TO 600 MHz CASCADABLE AMPLIFIER
A67-1 MACOM-A67-1 Datasheet
385Kb / 2P
   Cascadable Amplifier 10 to 600 MHz
logo
M/A-COM Technology Solu...
A67-1 MA-COM-A67-1 Datasheet
649Kb / 3P
   Cascadable Amplifier 10 to 600 MHz
A67-1-SMA67-1 MA-COM-A67-1-SMA67-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
logo
Tyco Electronics
A67-1 MACOM-A67-1_1 Datasheet
385Kb / 2P
   Cascadable Amplifier 10 to 600 MHz
More results


Similar Description - A67-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A67-1 MACOM-A67-1 Datasheet
100Kb / 1P
   10 TO 600 MHz CASCADABLE AMPLIFIER
A67-1 MACOM-A67-1_1 Datasheet
385Kb / 2P
   Cascadable Amplifier 10 to 600 MHz
logo
M/A-COM Technology Solu...
A67-1 MA-COM-A67-1_15 Datasheet
649Kb / 3P
   Cascadable Amplifier 10 to 600 MHz
logo
Teledyne Technologies I...
AC618 TELEDYNE-AC618 Datasheet
175Kb / 2P
   10 TO 600 MHz TO-8 CASCADABLE AMPLIFIER
AC652 TELEDYNE-AC652 Datasheet
175Kb / 2P
   10 TO 600 MHz TO-8 CASCADABLE AMPLIFIER
AC658 TELEDYNE-AC658 Datasheet
189Kb / 2P
   10 TO 600 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A77-1 MACOM-A77-1_1 Datasheet
389Kb / 2P
   Cascadable Amplifier 5 to 600 MHz
A5-6 MACOM-A5-6 Datasheet
365Kb / 2P
   Cascadable Amplifier 5 to 600 MHz
logo
M/A-COM Technology Solu...
SMA5-6 MA-COM-SMA5-6 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 600 MHz
logo
Tyco Electronics
A77-1 MACOM-A77-1 Datasheet
104Kb / 1P
   5 TO 600 MHz CASCADABLE AMPLIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com