Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-004100-1193 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-004100-1193 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-004100-1193
Download  MASW-004100-1193 Download

File Size   140.59 Kbytes
Page   7 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMIC??Silicon PIN Diode Switch

MASW-004100-1193 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-004100-1193 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-004100-1193
Download  MASW-004100-1193 Click to download

File Size   140.59 Kbytes
Page   7 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMIC??Silicon PIN Diode Switch

MASW-004100-1193 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

MASW-004100-1193 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-004100-1193 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-004100-1193 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-004100-1193 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-004100-1193 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-004100-1193 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-004100-1193 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.

MASW-004100-1193 Product details

Description
The MASW-004100-1193 is a SP4T, series-shunt, broad band, PIN diode, switch made with M/A-COM Tech’s unique HMICTM (Heterolithic Microwave Integrated Circuit) process, US Patent 5,268,310. This process allows for the incorporation of silicon pedestals that form the series and shunt diodes or vias by imbedding them in a low loss, low dispersion glass. This hybrid combination of silicon and glass gives HMIC switches exceptional low loss and remarkably high isolation through low millimeter-wave frequencies

Features
♦ Ultra Broad Bandwidth: 50MHz to 26GHz
♦ 0.9 Insertion Loss , 34dB Isolation at 20GHz
♦ 50nS Switching Speed
♦ Reliable, Fully Monolithic, Glass Encapsulated Construction
♦ +33dBm Power Handling
♦ RoHS Compliant

Applications
   This high performance switch is suitable for use in multi-band ECM, radar, and instrumentation control circuits where high isolation to insertion loss ratios are required. With a standard +5V/-5V, TTL controlled PIN diode driver, 50nS switching speeds are achieved.




Similar Part No. - MASW-004100-1193

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
136Kb / 7P
   HMIC SP4T Silicon PIN Diode Switch
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
507Kb / 7P
   HMIC??SP4T Silicon PIN Diode Switch
logo
Tyco Electronics
MASW-004100-11930W MACOM-MASW-004100-11930W Datasheet
237Kb / 6P
   Monolithic PIN SP4T Diode Switch
logo
M/A-COM Technology Solu...
MASW-004100-1193 MA-COM-MASW-004100-1193_14 Datasheet
812Kb / 6P
   Lower Insertion Loss / Higher Isolation
MASW-004100-1193 MA-COM-MASW-004100-1193_2 Datasheet
136Kb / 7P
   HMIC SP4T Silicon PIN Diode Switch
More results


Similar Description - MASW-004100-1193

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW410B MA-COM-MA4SW410B_15 Datasheet
793Kb / 6P
   HMIC Silicon PIN Diode Switch
MA4SW510B MA-COM-MA4SW510B_15 Datasheet
531Kb / 7P
   HMIC Silicon PIN Diode Switch
MASW-005102 MA-COM-MASW-005102 Datasheet
534Kb / 7P
   HMIC??Silicon PIN Diode Switch
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
   HMIC??Silicon PIN Diode Switch
MASW-005102 MA-COM-MASW-005102_15 Datasheet
534Kb / 7P
   HMIC Silicon PIN Diode Switch
MA4SW410B-1_V4 MA-COM-MA4SW410B-1_V4 Datasheet
781Kb / 6P
   HMIC??Silicon PIN Diode Switch
MASW006102 MA-COM-MASW006102_15 Datasheet
123Kb / 7P
   HMIC Silicon PIN Diode Switch
MASW-004102-12760 MA-COM-MASW-004102-12760 Datasheet
107Kb / 6P
   HMIC??Silicon PIN Diode Switch
MASW006102 MA-COM-MASW006102 Datasheet
123Kb / 7P
   HMIC??Silicon PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
558Kb / 7P
   HMIC??Silicon PIN Diode Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com