Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDG410NZ Datasheet (PDF) - Fairchild Semiconductor

FDG410NZ Datasheet PDF - Fairchild Semiconductor
Part # FDG410NZ
Download  FDG410NZ Download

File Size   289.67 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single N-Channel PowerTrench짰 MOSFET 20 V, 2.2 A, 70 m廓

FDG410NZ Datasheet (PDF)

Go To PDF Page Download Datasheet
FDG410NZ Datasheet PDF - Fairchild Semiconductor

Part # FDG410NZ
Download  FDG410NZ Click to download

File Size   289.67 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single N-Channel PowerTrench짰 MOSFET 20 V, 2.2 A, 70 m廓

FDG410NZ Datasheet (HTML) - Fairchild Semiconductor

FDG410NZ Datasheet HTML 1Page - Fairchild Semiconductor FDG410NZ Datasheet HTML 2Page - Fairchild Semiconductor FDG410NZ Datasheet HTML 3Page - Fairchild Semiconductor FDG410NZ Datasheet HTML 4Page - Fairchild Semiconductor FDG410NZ Datasheet HTML 5Page - Fairchild Semiconductor FDG410NZ Datasheet HTML 6Page - Fairchild Semiconductor FDG410NZ Datasheet HTML 7Page - Fairchild Semiconductor



Similar Part No. - FDG410NZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FDG VISHAY-FDG Datasheet
134Kb / 7P
   Axial Vitreous Leaded Wirewound Resistors with CECC Approval
logo
Merrimac Industries, In...
FDG-4A-1600 MERRIMAC-FDG-4A-1600 Datasheet
135Kb / 1P
   FREQUENCY DOUBLER
logo
Fairchild Semiconductor
FDG1024NZ FAIRCHILD-FDG1024NZ Datasheet
298Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 20 V, 1.2 A, 175 m廓
logo
VBsemi Electronics Co.,...
FDG1024NZ VBSEMI-FDG1024NZ Datasheet
932Kb / 7P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
More results


Similar Description - FDG410NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC7660 FAIRCHILD-FDMC7660 Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
FDMC7660 FAIRCHILD-FDMC7660_12 Datasheet
288Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
FDME820NZT FAIRCHILD-FDME820NZT Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 9 A, 18 m廓
FDPF3860TYDTU FAIRCHILD-FDPF3860TYDTU Datasheet
589Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100 V, 20 A, 38.2 m廓
FDMS86250 FAIRCHILD-FDMS86250 Datasheet
272Kb / 7P
   N-Channel PowerTrench짰 MOSFET 150 V, 20 A, 25 m廓
FDME410NZT FAIRCHILD-FDME410NZT Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 7 A, 26 m廓
FDMS8560S FAIRCHILD-FDMS8560S Datasheet
311Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 25 V, 70 A, 1.8 m廓
FDMA410NZ FAIRCHILD-FDMA410NZ Datasheet
315Kb / 7P
   Single N-Channel 1.5 V Specified PowerTrench짰 MOSFET 20 V, 9.5 A, 23 m廓
FDMA7628 FAIRCHILD-FDMA7628 Datasheet
248Kb / 7P
   Single N-Channel 1.5 V Specified PowerTrench짰 MOSFET 20 V, 9.4 A, 14.5 m廓
FDG1024NZ FAIRCHILD-FDG1024NZ Datasheet
298Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 20 V, 1.2 A, 175 m廓
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com