Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSBH0370 Datasheet (PDF) - Fairchild Semiconductor

FSBH0370 Datasheet PDF - Fairchild Semiconductor
Part # FSBH0370
Download  FSBH0370 Download

File Size   708.45 Kbytes
Page   16 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Green Mode Fairchild Power Switch (FPS??

FSBH0370 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSBH0370 Datasheet PDF - Fairchild Semiconductor

Part # FSBH0370
Download  FSBH0370 Click to download

File Size   708.45 Kbytes
Page   16 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Green Mode Fairchild Power Switch (FPS??

FSBH0370 Datasheet (HTML) - Fairchild Semiconductor

Back Button FSBH0370 Datasheet HTML 1Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 2Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 3Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 4Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 5Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 6Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 7Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 8Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 9Page - Fairchild Semiconductor FSBH0370 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FSBH0370 Product details

Description

The highly integrated FSBH-series consists of an integrated current-mode Pulse Width Modulator (PWM) and an avalanche-rugged 700V SenseFET. It is specifically designed for high-performance offline Switch Mode Power Supplies (SMPS) with minimal external components.



Features

ƒ  Brownout Protection with Hysteresis

ƒ  Built-In 5ms Soft-Start Function

ƒ  Internal Avalanche-Rugged 700V SenseFET

ƒ  No Acoustic Noise During Light-Load Operation

ƒ  High-Voltage Startup

ƒ  Linearly Decreasing PWM Frequency to 18KHz

ƒ  Peak-Current-Mode Control

ƒ  Cycle-by-Cycle Current Limiting

ƒ  Leading-Edge Blanking (LEB)

ƒ  Synchronized Slope Compensation

ƒ  Internal Open-Loop Protection

ƒ  VDDUnder-Voltage Lockout (UVLO)

ƒ  VDDOver-Voltage Protection (OVP)

ƒ  Internal Auto-RestartCircuit (OVP, OTP)

ƒ  Constant Power Limit (Full AC Input Range)

ƒ  Internal OTP Sensor with Hysteresis

ƒ  VIN Pin for Pull-HIGH Latch Function and Pull LOW Auto-Recovery Protection



Applications

General-purpose switch-mode power supplies and flyback power converters, including:

ƒ  Auxiliary Power Supply for PC and Server

ƒ  SMPS for VCR, SVR, STB, DVD & DVCD Player, Printer, Facsimile, and Scanner

ƒ  Adapter for Camcorder




Similar Part No. - FSBH0370

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBH0370 FAIRCHILD-FSBH0370 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0370 FAIRCHILD-FSBH0370 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0370NY FAIRCHILD-FSBH0370NY Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0370NY_F116 FAIRCHILD-FSBH0370NY_F116 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
More results


Similar Description - FSBH0370

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com