Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPDCT0032 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAPDCT0032 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAPDCT0032
Download  MAPDCT0032 Download

File Size   135.06 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 3 Way 0 Degree Power Divider 5 to 1200 MHz

MAPDCT0032 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAPDCT0032 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAPDCT0032
Download  MAPDCT0032 Click to download

File Size   135.06 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 3 Way 0 Degree Power Divider 5 to 1200 MHz

MAPDCT0032 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

MAPDCT0032 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCT0032 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCT0032 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.

MAPDCT0032 Product details

Description

M/A-COM’s MAPDCT0032 is a 3 way 0 degree Power Divider in a low cost, surface mount package. Ideally suited for high volume CATV/Broadband applications. No external components are required with this product.



Features

• Surface mount

• 3 Way 0 Degree

• RoHS Compliant and is 260ºC reflow compatible

• RoHS version of MAPDCT0005 & MAPDCT0017

• Available on tape and reel, reel quantity 500



 




Similar Part No. - MAPDCT0032

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPDCT0032 MACOM-MAPDCT0032 Datasheet
149Kb / 3P
   3 Way 0 Degree Power Divider 5 to 1200 MHz
logo
M/A-COM Technology Solu...
MAPDCT0032 MA-COM-MAPDCT0032 Datasheet
165Kb / 4P
   3 Way 0 Degree Power Divider
MAPDCT0032-V4 MA-COM-MAPDCT0032-V4 Datasheet
165Kb / 4P
   3 Way 0 Degree Power Divider
MAPDCT0032 MA-COM-MAPDCT0032_15 Datasheet
165Kb / 4P
   3 Way 0 Degree Power Divider
More results


Similar Description - MAPDCT0032

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPDCT0032 MACOM-MAPDCT0032 Datasheet
149Kb / 3P
   3 Way 0 Degree Power Divider 5 to 1200 MHz
logo
M/A-COM Technology Solu...
MAPDCT0032-V4 MA-COM-MAPDCT0032-V4 Datasheet
165Kb / 4P
   3 Way 0 Degree Power Divider
MAPDCT0017 MA-COM-MAPDCT0017_15 Datasheet
169Kb / 4P
   3 way 0 Degree Power Divider
MAPDCT0032 MA-COM-MAPDCT0032_15 Datasheet
165Kb / 4P
   3 Way 0 Degree Power Divider
MAPD-010362-C20FA0 MA-COM-MAPD-010362-C20FA0_15 Datasheet
470Kb / 4P
   Power divider, 2 way, 0 degree
MAPD-010362-C20FA0 MA-COM-MAPD-010362-C20FA0 Datasheet
470Kb / 4P
   Power divider, 2 way, 0 degree
MAPD-010362-C20FA0 MA-COM-MAPD-010362-C20FA0 Datasheet
470Kb / 4P
   Power divider, 2 way, 0 degree
logo
Tyco Electronics
ESSM-3-1-75 MACOM-ESSM-3-1-75 Datasheet
400Kb / 1P
   E-Series 3-Way 0 Power Divider 5 - 120 MHz
ESSM-3-1W MACOM-ESSM-3-1W Datasheet
34Kb / 1P
   E-Series 3-Way 0 Power Divider 5 - 500 MHz
logo
M/A-COM Technology Solu...
MAPD-011003 MA-COM-MAPD-011003 Datasheet
960Kb / 4P
   3 Way 0? Power Divider
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com