Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA88 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

CA88 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # CA88
Download  CA88 Download

File Size   1344.75 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 5 to 500 MHz

CA88 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA88 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # CA88
Download  CA88 Click to download

File Size   1344.75 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 5 to 500 MHz

CA88 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

CA88 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CA88 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.

CA88 Product details

Description
The A88 RF amplifier is a discrete thin film hybrid design, which incorporates the use of thin film manufacturing processes for accurate performance and high reliability.
   
Features
• HIGH GAIN: 18.7 dB (TYP.)
• HIGH OUTPUT POWER: +20.5 dBm (TYP.)
• HIGH THIRD ORDER I.P.: +30 dBm (TYP.)
   




Similar Part No. - CA88

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA88 MACOM-CA88 Datasheet
383Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
CA88 MA-COM-CA88 Datasheet
646Kb / 3P
   Cascadable Amplifier 5 to 500 MHz
logo
Bel Fuse Inc.
CA88-020M-01 BEL-CA88-020M-01 Datasheet
506Kb / 1P
   Category 8.1 Patch Cords
CA88-020M-01 BEL-CA88-020M-01 Datasheet
1Mb / 2P
   Category 8.2 Series Cable Jacks and Patch Cords
logo
Tyco Electronics
CA88-1 MACOM-CA88-1 Datasheet
358Kb / 2P
   Cascadable Amplifier 5 to 300 MHz
More results


Similar Description - CA88

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A54 MA-COM-A54 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
logo
Tyco Electronics
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
   5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
   5 TO 500 MHZ CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA5-5 MA-COM-SMA5-5 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
A73 MA-COM-A73 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
A74-2 MA-COM-A74-2 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
A74 MA-COM-A74 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
EA54-2 MA-COM-EA54-2 Datasheet
125Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
A58 MA-COM-A58 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
A59 MA-COM-A59_15 Datasheet
635Kb / 3P
   Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54_15 Datasheet
643Kb / 3P
   Cascadable Amplifier 5 to 500 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com