Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPD-008016-000100 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAPD-008016-000100 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAPD-008016-000100
Download  MAPD-008016-000100 Download

File Size   70.33 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Two-Way GMIC SMT Power Divider 1940-2340 MHz

MAPD-008016-000100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAPD-008016-000100 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAPD-008016-000100
Download  MAPD-008016-000100 Click to download

File Size   70.33 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Two-Way GMIC SMT Power Divider 1940-2340 MHz

MAPD-008016-000100 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

MAPD-008016-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPD-008016-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPD-008016-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPD-008016-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.

MAPD-008016-000100 Product details

Description
M/A-COM’s MAPD-008016-000100 is an IC-based monolithic power divider using M/A-COM’s GMIC technology in a low cost SOT-26 plastic package. This 2-way power divider is ideally suited for applications where small size, low insertion loss, superior phase/amplitude tracking and low cost are required. Typical applications include personal communication systems and other communication applications where size and PCB real estate are at a premium. Available in tape and reel.

Features
• Designed for UMTS Band
• Small Size and Low Profile
• Industry Standard SOT-26 SMT Plastic Package
• Typical Insertion Loss: 0.4 dB
• Typical Isolation: 19 dB @ 2140MHz
• 1 Watt Power Handling
• Lead-Free SOT-26 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS Compliant




Similar Part No. - MAPD-008016-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-008072-ESSM26 MA-COM-MAPD-008072-ESSM26 Datasheet
69Kb / 3P
   E-Series 2-Way Power Divider 5 - 900 MHz
MAPD-008072-ESSM26 MA-COM-MAPD-008072-ESSM26 Datasheet
69Kb / 3P
   E-Series 2-Way 0째 Power Divider
MAPD-008072-ESSM26 MA-COM-MAPD-008072-ESSM26_15 Datasheet
69Kb / 3P
   2-Way Power Divider
MAPD-008086-CT33TB MA-COM-MAPD-008086-CT33TB Datasheet
104Kb / 3P
   2 Way 0쨘 Power Divider 5-1000MHz
More results


Similar Description - MAPD-008016-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
   Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100_15 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530 MA-COM-MAPD-007530 Datasheet
627Kb / 5P
   Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010_15 Datasheet
617Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
logo
Tyco Electronics
MAPDCC0011 MACOM-MAPDCC0011 Datasheet
155Kb / 3P
   Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
DS52-0008 MA-COM-DS52-0008 Datasheet
73Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
DS52-0014 MA-COM-DS52-0014 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com