Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC799LP3E Datasheet (PDF) - Hittite Microwave Corporation

HMC799LP3E Datasheet PDF - Hittite Microwave Corporation
Part # HMC799LP3E
Download  HMC799LP3E Download

File Size   464.47 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER

HMC799LP3E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC799LP3E Datasheet PDF - Hittite Microwave Corporation

Part # HMC799LP3E
Download  HMC799LP3E Click to download

File Size   464.47 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER

HMC799LP3E Datasheet (HTML) - Hittite Microwave Corporation

HMC799LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC799LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC799LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC799LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC799LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC799LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC799LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC799LP3E Datasheet HTML 8Page - Hittite Microwave Corporation



Similar Part No. - HMC799LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC799LP3E HITTITE-HMC799LP3E Datasheet
429Kb / 8P
   DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
HMC799LP3E HITTITE-HMC799LP3E Datasheet
849Kb / 8P
   DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC799LP3E AD-HMC799LP3E Datasheet
742Kb / 8P
   DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
v01.1009
logo
Hittite Microwave Corpo...
HMC799LP3E HITTITE-HMC799LP3E_1 Datasheet
429Kb / 8P
   DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
HMC799LP3E HITTITE-HMC799LP3E_10 Datasheet
849Kb / 8P
   DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
More results


Similar Description - HMC799LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC799LP3E HITTITE-HMC799LP3E_1 Datasheet
429Kb / 8P
   DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC799LP3E AD-HMC799LP3E Datasheet
742Kb / 8P
   DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
v01.1009
logo
Hittite Microwave Corpo...
HMC799LP3E HITTITE-HMC799LP3E_10 Datasheet
849Kb / 8P
   DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
logo
M/A-COM Technology Solu...
A59-1 MA-COM-A59-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 700 MHz
logo
Tyco Electronics
A59-1 MACOM-A59-1 Datasheet
369Kb / 2P
   Cascadable Amplifier 10 to 700 MHz
logo
Hittite Microwave Corpo...
HMC690 HITTITE-HMC690 Datasheet
379Kb / 10P
   10 Gbps TRANSIMPEDANCE AMPLIFIER
logo
Teledyne Technologies I...
AP719 TELEDYNE-AP719 Datasheet
175Kb / 2P
   10 TO 700 MHz TO-8 CASCADABLE AMPLIFIER
logo
Vitesse Semiconductor C...
VSC7878 VITESSE-VSC7878 Datasheet
465Kb / 2P
   10 Gbps Linear Transimpedance Amplifier
logo
NXP Semiconductors
PEMB11 PHILIPS-PEMB11 Datasheet
45Kb / 8P
   PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Sep 13
logo
Eudyna Devices Inc
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
   10 Gb/s Receiver Transimpedance Amplifier
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com