Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF154 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF154 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF154
Download  MRF154 Download

File Size   293.84 Kbytes
Page   9 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Broadband RF Power MOSFET Broadband RF Power MOSFET

MRF154 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF154 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF154
Download  MRF154 Click to download

File Size   293.84 Kbytes
Page   9 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Broadband RF Power MOSFET Broadband RF Power MOSFET

MRF154 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

MRF154 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MRF154 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.

MRF154 Product details

Designed primarily for linear large–signal output stages in the 2.0–100 MHz frequency range.



• Specified 50 Volts, 30 MHz Characteristics

Output Power = 600 Watts

Power Gain = 17 dB (Typ)

Efficiency = 45% (Typ)




Similar Part No. - MRF154

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF154 MACOM-MRF154 Datasheet
175Kb / 7P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET 600W, to 80MHz, 50V
MRF154 MA-COM-MRF154_15 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET
MRF154 MA-COM-MRF154_17 Datasheet
735Kb / 10P
   Broadband RF Power MOSFET
More results


Similar Description - MRF154

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154_15 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET
MRF154 MA-COM-MRF154_17 Datasheet
735Kb / 10P
   Broadband RF Power MOSFET
logo
Motorola, Inc
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
   MOSFET BROADBAND RF POWER FET
MRF166C MOTOROLA-MRF166C Datasheet
111Kb / 6P
   MOSFET BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF160 MACOM-MRF160 Datasheet
416Kb / 9P
   MOSFET BROADBAND RF POWER FET
logo
Motorola, Inc
MRF166 MOTOROLA-MRF166 Datasheet
154Kb / 8P
   MOSFET BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF171A MACOM-MRF171A Datasheet
225Kb / 12P
   MOSFET BROADBAND RF POWER FET
MRF166C MACOM-MRF166C Datasheet
178Kb / 9P
   MOSFET BROADBAND RF POWER FETs
logo
Motorola, Inc
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com