Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA114YE Datasheet (PDF) - Motorola, Inc

DTA114YE Datasheet PDF - Motorola, Inc
Part # DTA114YE
Download  DTA114YE Download

File Size   139.16 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Bias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network

DTA114YE Datasheet (PDF)

Go To PDF Page Download Datasheet
DTA114YE Datasheet PDF - Motorola, Inc

Part # DTA114YE
Download  DTA114YE Click to download

File Size   139.16 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Bias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network

DTA114YE Datasheet (HTML) - Motorola, Inc

DTA114YE Datasheet HTML 1Page - Motorola, Inc DTA114YE Datasheet HTML 2Page - Motorola, Inc DTA114YE Datasheet HTML 3Page - Motorola, Inc DTA114YE Datasheet HTML 4Page - Motorola, Inc DTA114YE Datasheet HTML 5Page - Motorola, Inc DTA114YE Datasheet HTML 6Page - Motorola, Inc

DTA114YE Product details

The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base–emitter resistor. These digital transistors are designed to replace a single device and its xternal resistor bias network. The BRT eliminates these individual components by integrating them into a single device. The DTA114YE is housed in the SOT–416/SC–90 package which is ideal for low–power surface mount applications where board space is at a premium.

• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
• Available in 8 mm, 7 inch/3000 Unit Tape and Reel




Similar Part No. - DTA114YE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114YE ROHM-DTA114YE Datasheet
89Kb / 4P
   Digital transistors (built-in resistors)
logo
ON Semiconductor
DTA114YE ONSEMI-DTA114YE Datasheet
184Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
logo
Jiangsu Changjiang Elec...
DTA114YE JIANGSU-DTA114YE Datasheet
119Kb / 2P
   Digital transistors (built-in resistors)
logo
Rohm
DTA114YE ROHM-DTA114YE Datasheet
1Mb / 14P
   PNP -100mA -50V Digital Transistor
logo
Weitron Technology
DTA114YE WEITRON-DTA114YE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
More results


Similar Description - DTA114YE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA144TT1 ONSEMI-DTA144TT1 Datasheet
124Kb / 3P
   Bias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
August, 2006 ??Rev. 3
logo
AiT Semiconductor Inc.
MUN5111 AITSEMI-MUN5111 Datasheet
1Mb / 15P
   BIAS RESISTOR TRANSISTOR PNP SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
MUN2111 AITSEMI-MUN2111 Datasheet
818Kb / 11P
   BIAS RESISTOR TRANSISTOR PNP SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
Leshan Radio Company
LMUN2211LT1 LRC-LMUN2211LT1 Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com