Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA7 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

LA7 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # LA7
Download  LA7 Download

File Size   1281.79 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Limiting Amplifier 50 to 500 MHz

LA7 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA7 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # LA7
Download  LA7 Click to download

File Size   1281.79 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Limiting Amplifier 50 to 500 MHz

LA7 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

LA7 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. LA7 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. LA7 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.

LA7 Product details

Description
The LA7 limiting amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This design uses a Schottky diode limiter circuit at the input, and a single stage bipolar transistor feedback amplifier at the output. An RF choke is used for DC power supply decoupling. Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• SYMMETRICAL CLIPPING GOOD EVEN-ORDER SUPPRESSION
• HIGH OUTPUT LEVEL: +11.5 dBm (TYP.)
• HIGH THIRD-ORDER IP: +28 dBm (TYP.)
• FAST PULSE RECOVERY TIME: < 50 NSEC (TYP.)




Similar Part No. - LA7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LA7 MACOM-LA7 Datasheet
480Kb / 3P
   Limiting Amplifier 50 to 500 MHz
logo
Shanghai Leiditech Elec...
LA7 LEIDITECH-LA7 Datasheet
603Kb / 2P
   Glass passivated device Ideal for surface mouted applications
logo
Sanyo Semicon Device
LA70001 SANYO-LA70001 Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA70001M SANYO-LA70001M Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
More results


Similar Description - LA7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LA7 MACOM-LA7 Datasheet
480Kb / 3P
   Limiting Amplifier 50 to 500 MHz
logo
Teledyne Technologies I...
LA507 TELEDYNE-LA507 Datasheet
205Kb / 2P
   50 TO 500 MHz TO-8 LIMITING AMPLIFIER
logo
Tyco Electronics
AL7 MACOM-AL7 Datasheet
422Kb / 2P
   Cascadable Amplifier 50 to 500 MHz
logo
M/A-COM Technology Solu...
AL7 MA-COM-AL7 Datasheet
1Mb / 3P
   Cascadable Amplifier 50 to 500 MHz
logo
Teledyne Technologies I...
UTOUTC0571 TELEDYNE-UTOUTC0571 Datasheet
170Kb / 4P
   Thin-Film Cascadable Amplifier 50 to 500 MHz
UTOUTC0572 TELEDYNE-UTOUTC0572 Datasheet
168Kb / 4P
   Thin-Film Cascadable Amplifier 50 to 500 MHz
logo
Mini-Circuits
ZRL-1150LN MINI-ZRL-1150LN Datasheet
184Kb / 1P
   Low Noise Amplifier 50??500 to 1400 MHz
logo
Teledyne Technologies I...
LA3CP5001 TELEDYNE-LA3CP5001 Datasheet
147Kb / 2P
   4 TO 200 MHz LIMITING AMPLIFIER
logo
Analog Devices
ADL5534 AD-ADL5534_08 Datasheet
657Kb / 9P
   20 MHz to 500 MHz IF Amplifier
Rev. PrE 2/08
logo
List of Unclassifed Man...
LA17 ETC1-LA17 Datasheet
220Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE LIMITING AMPLIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com