Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADR-007098-000100 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MADR-007098-000100 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MADR-007098-000100
Download  MADR-007098-000100 Download

File Size   69.71 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Linear Driver for PIN Diode Attenuators

MADR-007098-000100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MADR-007098-000100 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MADR-007098-000100
Download  MADR-007098-000100 Click to download

File Size   69.71 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Linear Driver for PIN Diode Attenuators

MADR-007098-000100 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

MADR-007098-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADR-007098-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADR-007098-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADR-007098-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.

MADR-007098-000100 Product details

Description
M/A-COMs MADR-007098-000100 is a break point free driver that produces a logarithmic output current suitable for linearizing PIN diode based shunt attenuators. This driver, in conjunction with customer defined external components, produces a linear transfer function (dB/V) between the input control voltage of the driver and the attenuation output of the PIN attenuator. The MADR-007098-000100 has been optimized for linearizing M/A-COM’s MAAV- 007089-000100 or MAAV-007090-000100 attenuators, but will function well with most types of cathode grounded, PIN attenuators. The driver is packaged in a SOW-16 package for commercial SMT applications. A typical schematic for a 30 dB, 7.5 dB/V linear attenuator is shown in Figure 1.

Features
• Linearizes PIN Diode Attenuators Over a Wide
   Attenuation Range
• Output Currents up to 12 mA
• Operates with a Single Supply Voltage of +3V to
   +12V
• Low Quiescent Currents
• Single Control Voltage
• Test Boards are Available
• Tape and Reel Packaging Available
• Lead-Free SOW-16 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of DR65-0002




Similar Part No. - MADR-007098-000100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MADR-007098-000100 MACOM-MADR-007098-000100 Datasheet
178Kb / 3P
   Linear Driver for PIN Diode Attenuators
logo
M/A-COM Technology Solu...
MADR-007098-000100 MA-COM-MADR-007098-000100 Datasheet
69Kb / 4P
   Linear Driver for PIN Diode Attenuators
MADR-007098-000100 MA-COM-MADR-007098-000100 Datasheet
621Kb / 5P
   Linear Driver for PIN Diode Attenuators
MADR-007098-000100 MA-COM-MADR-007098-000100_15 Datasheet
69Kb / 4P
   Linear Driver
More results


Similar Description - MADR-007098-000100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DR65-0002 MACOM-DR65-0002_1 Datasheet
151Kb / 2P
   Linear Driver for PIN Diode Attenuators
logo
M/A-COM Technology Solu...
MADR-007098-000100 MA-COM-MADR-007098-000100 Datasheet
69Kb / 4P
   Linear Driver for PIN Diode Attenuators
logo
Tyco Electronics
DR65-0002 MACOM-DR65-0002 Datasheet
216Kb / 2P
   Linear Driver for PIN Diode Attenuators
logo
M/A-COM Technology Solu...
MADR-007098 MA-COM-MADR-007098 Datasheet
621Kb / 5P
   Linear Driver for PIN Diode Attenuators
logo
Tyco Electronics
MADR-007098-000100 MACOM-MADR-007098-000100 Datasheet
178Kb / 3P
   Linear Driver for PIN Diode Attenuators
logo
M/A-COM Technology Solu...
DR65-0002 MA-COM-DR65-0002 Datasheet
69Kb / 4P
   Linear Driver for PIN Diode Attenuators
logo
Anaren Microwave
61526 ANAREN-61526 Datasheet
1Mb / 4P
   Attenuators PIN Diode
61527 ANAREN-61527 Datasheet
1Mb / 4P
   Attenuators PIN Diode
61525 ANAREN-61525 Datasheet
876Kb / 4P
   Attenuators PIN Diode
61528 ANAREN-61528 Datasheet
868Kb / 4P
   Attenuators PIN Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com