Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JXWBVCO-A-850-1200 Datasheet (PDF) - American Accurate Components, Inc.

JXWBVCO-A-850-1200 Datasheet PDF - American Accurate Components, Inc.
Part # JXWBVCO-A-850-1200
Download  JXWBVCO-A-850-1200 Download

File Size   142.03 Kbytes
Page   2 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description Voltage Controlled Oscillators 4 to 2500MHz

JXWBVCO-A-850-1200 Datasheet (PDF)

Go To PDF Page Download Datasheet
JXWBVCO-A-850-1200 Datasheet PDF - American Accurate Components, Inc.

Part # JXWBVCO-A-850-1200
Download  JXWBVCO-A-850-1200 Click to download

File Size   142.03 Kbytes
Page   2 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description Voltage Controlled Oscillators 4 to 2500MHz

JXWBVCO-A-850-1200 Datasheet (HTML) - American Accurate Components, Inc.

JXWBVCO-A-850-1200 Datasheet HTML 1Page - American Accurate Components, Inc. JXWBVCO-A-850-1200 Datasheet HTML 2Page - American Accurate Components, Inc.



Similar Part No. - JXWBVCO-A-850-1200

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBVCO-S-1040-1540 AAC-JXWBVCO-S-1040-1540 Datasheet
84Kb / 1P
   Voltage Controlled Oscillators 140 to 2600MHz
JXWBVCO-S-1050-1200 AAC-JXWBVCO-S-1050-1200 Datasheet
59Kb / 1P
   Voltage Controlled Oscillators 120 to 2000MHz
JXWBVCO-S-1080-1105 AAC-JXWBVCO-S-1080-1105 Datasheet
84Kb / 1P
   Voltage Controlled Oscillators 140 to 2600MHz
JXWBVCO-S-1125-1150 AAC-JXWBVCO-S-1125-1150 Datasheet
84Kb / 1P
   Voltage Controlled Oscillators 140 to 2600MHz
JXWBVCO-S-1162-1187 AAC-JXWBVCO-S-1162-1187 Datasheet
84Kb / 1P
   Voltage Controlled Oscillators 140 to 2600MHz
More results


Similar Description - JXWBVCO-A-850-1200

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
ZD4060 AAC-ZD4060 Datasheet
53Kb / 1P
   Broadband Voltage Controlled Oscillators 4 to 18GHz
logo
Mini-Circuits
K-POS-2 MINI-K-POS-2 Datasheet
242Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN54LS624 TI1-SN54LS624_14 Datasheet
953Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN54LS624 TI-SN54LS624 Datasheet
398Kb / 10P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
CFO284SA SYNERGY-CFO284SA Datasheet
337Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN74LS624NSR TI-SN74LS624NSR Datasheet
726Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN74LS628DR TI-SN74LS628DR Datasheet
726Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
VCO-S-A12 SYNERGY-VCO-S-A12 Datasheet
158Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
American Accurate Compo...
JXWBVCO-S-120-200 AAC-JXWBVCO-S-120-200 Datasheet
59Kb / 1P
   Voltage Controlled Oscillators 120 to 2000MHz
logo
SYNERGY MICROWAVE CORPO...
VCSO-0C12 SYNERGY-VCSO-0C12 Datasheet
515Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com