Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23K640 Datasheet (PDF) - Microchip Technology

23K640 Datasheet PDF - Microchip Technology
Part # 23K640
Download  23K640 Download

File Size   368.78 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64K SPI Bus Low-Power Serial SRAM

23K640 Datasheet (PDF)

Go To PDF Page Download Datasheet
23K640 Datasheet PDF - Microchip Technology

Part # 23K640
Download  23K640 Click to download

File Size   368.78 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64K SPI Bus Low-Power Serial SRAM

23K640 Datasheet (HTML) - Microchip Technology

Back Button 23K640 Datasheet HTML 1Page - Microchip Technology 23K640 Datasheet HTML 2Page - Microchip Technology 23K640 Datasheet HTML 3Page - Microchip Technology 23K640 Datasheet HTML 4Page - Microchip Technology 23K640 Datasheet HTML 5Page - Microchip Technology 23K640 Datasheet HTML 6Page - Microchip Technology 23K640 Datasheet HTML 7Page - Microchip Technology 23K640 Datasheet HTML 8Page - Microchip Technology 23K640 Datasheet HTML 9Page - Microchip Technology 23K640 Datasheet HTML 10Page - Microchip Technology Next Button 

23K640 Product details

Description:
The Microchip Technology Inc. 23X640 are 64 Kbit Serial SRAM devices. The memory is accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a Chip Select (CS) input.

Features:
• Max. Clock 20 MHz
• Low-Power CMOS Technology:
    - Read Current: 3 mA at 1 MHz
    - Standby Current: 4 μA Max. at +85°C
• 8192 x 8-bit Organization
• 32-Byte Page
• HOLD pin
• Flexible Operating modes:
    - Byte read and write
    - Page mode (32 Byte Page)
    - Sequential mode
• Sequential Read/Write
• High Reliability
• Temperature Ranges Supported:
    - Industrial (I): -40°C to +85°C
    - Automotive (E): -40°C to +125°C
• Pb-Free and RoHS Compliant, Halogen Free




Similar Part No. - 23K640

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23K640 MICROCHIP-23K640 Datasheet
563Kb / 28P
   64K SPI Bus Low-Power Serial SRAM
2010
23K640 MICROCHIP-23K640 Datasheet
611Kb / 28P
   64-Kbit SPI Bus Low-Power Serial SRAM
Revision F 07/2022
23K640-E/P MICROCHIP-23K640-E/P Datasheet
563Kb / 28P
   64K SPI Bus Low-Power Serial SRAM
2010
23K640-E/P MICROCHIP-23K640-E/P Datasheet
608Kb / 28P
   64K SPI Bus Low-Power Serial SRAM
08/02/11
23K640-E/SN MICROCHIP-23K640-E/SN Datasheet
563Kb / 28P
   64K SPI Bus Low-Power Serial SRAM
2010
More results


Similar Description - 23K640

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23A640 MICROCHIP-23A640_11 Datasheet
608Kb / 28P
   64K SPI Bus Low-Power Serial SRAM
08/02/11
23A640 MICROCHIP-23A640_10 Datasheet
563Kb / 28P
   64K SPI Bus Low-Power Serial SRAM
2010
23A256 MICROCHIP-23A256 Datasheet
368Kb / 26P
   256K SPI Bus Low-Power Serial SRAM
2010
23A256 MICROCHIP-23A256_10 Datasheet
563Kb / 28P
   256K SPI Bus Low-Power Serial SRAM
2010
23A256 MICROCHIP-23A256_11 Datasheet
609Kb / 28P
   256K SPI Bus Low-Power Serial SRAM
08/02/11
25LC640-ISN MICROCHIP-25LC640-ISN Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
25AA640 MICROCHIP-25AA640 Datasheet
196Kb / 12P
   64K SPI Bus Serial EEPROM
1997
25AA640A MICROCHIP-25AA640A Datasheet
532Kb / 30P
   64K SPI Bus Serial EEPROM
2008
25AA640A MICROCHIP-25AA640A_12 Datasheet
1,018Kb / 36P
   64K SPI Bus Serial EEPROM
11/29/12
25AA640 MICROCHIP-25AA640_08 Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com