Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC640A Datasheet (PDF) - Microchip Technology

25LC640A Datasheet PDF - Microchip Technology
Part # 25LC640A
Download  25LC640A Download

File Size   358.12 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8K-256K SPI Serial EEPROM High Temp Family Data Sheet

25LC640A Datasheet (PDF)

Go To PDF Page Download Datasheet
25LC640A Datasheet PDF - Microchip Technology

Part # 25LC640A
Download  25LC640A Click to download

File Size   358.12 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8K-256K SPI Serial EEPROM High Temp Family Data Sheet

25LC640A Datasheet (HTML) - Microchip Technology

Back Button 25LC640A Datasheet HTML 1Page - Microchip Technology 25LC640A Datasheet HTML 2Page - Microchip Technology 25LC640A Datasheet HTML 3Page - Microchip Technology 25LC640A Datasheet HTML 4Page - Microchip Technology 25LC640A Datasheet HTML 5Page - Microchip Technology 25LC640A Datasheet HTML 6Page - Microchip Technology 25LC640A Datasheet HTML 7Page - Microchip Technology 25LC640A Datasheet HTML 8Page - Microchip Technology 25LC640A Datasheet HTML 9Page - Microchip Technology 25LC640A Datasheet HTML 10Page - Microchip Technology Next Button 

25LC640A Product details

Description
The Microchip Technology Inc. 25AA080C/D, 25LC080C/D (25XX080C/D*) are 8 Kbit Serial Electrically Erasable PROMs. The memory is accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a Chip Select (CS) input.

Features
• Max. Clock 10 MHz
• Low-Power CMOS Technology:
    - Max. write current: 5 mA at 5.5V
    - Read current: 5 mA at 5.5V, 10 MHz
    - Standby current: 5 μA at 5.5V
• 1024 x 8-bit Organization
• 16 Byte Page (‘C’ version devices)
• 32 Byte Page (‘D’ version devices)
• Self-Timed Erase and Write Cycles (5 ms max.)
• Block Write Protection:
    - Protect none, 1/4, 1/2 or all of array
• Built-In Write Protection:
    - Power-on/off data protection circuitry
    - Write enable latch
    - Write-protect pin
• Sequential Read
• High Reliability:
    - Endurance: > 1M erase/write cycles
    - Data retention: > 200 years
    - ESD protection: > 4000V
• Pb-Free and RoHS Compliant
• Temperature Ranges Supported:
    - Industrial (I): -40°C to +85°C
    - Automotive (E): -40°C to +125°C




Similar Part No. - 25LC640A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC640A MICROCHIP-25LC640A Datasheet
532Kb / 30P
   64K SPI Bus Serial EEPROM
2008
25LC640A MICROCHIP-25LC640A Datasheet
335Kb / 24P
   64K SPI Bus Serial EEPROM Extended (M) Operating Temperatures
2009
25LC640A MICROCHIP-25LC640A Datasheet
1,018Kb / 36P
   64K SPI Bus Serial EEPROM
11/29/12
25LC640A-E/MF MICROCHIP-25LC640A-E/MF Datasheet
532Kb / 30P
   64K SPI Bus Serial EEPROM
2008
25LC640A-E/MNY MICROCHIP-25LC640A-E/MNY Datasheet
532Kb / 30P
   64K SPI Bus Serial EEPROM
2008
More results


Similar Description - 25LC640A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC010A MICROCHIP-25LC010A_09 Datasheet
348Kb / 24P
   1K-4K SPI Serial EEPROM High Temp Family Data Sheet
2009
24LC02BT-ISNG MICROCHIP-24LC02BT-ISNG Datasheet
834Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
06/25/07
24AA025 MICROCHIP-24AA025 Datasheet
814Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
2007
25AA080C MICROCHIP-25AA080C Datasheet
486Kb / 28P
   8K SPI Bus Serial EEPROM
2009
25AA080A MICROCHIP-25AA080A Datasheet
523Kb / 24P
   8K SPI Bus Serial EEPROM
2003
25C080T-E MICROCHIP-25C080T-E Datasheet
210Kb / 22P
   8K SPI Bus Serial EEPROM
05/28/04
25AA080C MICROCHIP-25AA080C_12 Datasheet
846Kb / 34P
   8K SPI Bus Serial EEPROM
11/27/12
25LC080P MICROCHIP-25LC080P Datasheet
322Kb / 22P
   8K SPI Bus Serial EEPROM
1997-2012
25AA080A MICROCHIP-25AA080A_07 Datasheet
423Kb / 26P
   8K SPI Bus Serial EEPROM
2007
25LC080SN MICROCHIP-25LC080SN Datasheet
322Kb / 22P
   8K SPI Bus Serial EEPROM
1997-2012
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com