Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC04BHT-I/MNY Datasheet (PDF) - Microchip Technology

24LC04BHT-I/MNY Datasheet PDF - Microchip Technology
Part # 24LC04BHT-I/MNY
Download  24LC04BHT-I/MNY Download

File Size   490.8 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4K I2C??Serial EEPROM with Half-Array Write-Protect

24LC04BHT-I/MNY Datasheet (PDF)

Go To PDF Page Download Datasheet
24LC04BHT-I/MNY Datasheet PDF - Microchip Technology

Part # 24LC04BHT-I/MNY
Download  24LC04BHT-I/MNY Click to download

File Size   490.8 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4K I2C??Serial EEPROM with Half-Array Write-Protect

24LC04BHT-I/MNY Datasheet (HTML) - Microchip Technology

Back Button 24LC04BHT-I/MNY Datasheet HTML 1Page - Microchip Technology 24LC04BHT-I/MNY Datasheet HTML 2Page - Microchip Technology 24LC04BHT-I/MNY Datasheet HTML 3Page - Microchip Technology 24LC04BHT-I/MNY Datasheet HTML 4Page - Microchip Technology 24LC04BHT-I/MNY Datasheet HTML 5Page - Microchip Technology 24LC04BHT-I/MNY Datasheet HTML 6Page - Microchip Technology 24LC04BHT-I/MNY Datasheet HTML 7Page - Microchip Technology 24LC04BHT-I/MNY Datasheet HTML 8Page - Microchip Technology 24LC04BHT-I/MNY Datasheet HTML 9Page - Microchip Technology 24LC04BHT-I/MNY Datasheet HTML 10Page - Microchip Technology Next Button 

24LC04BHT-I/MNY Product details

Description:
The Microchip Technology Inc. 24AA04H/24LC04BH (24XX04H*) is an 4 Kbit Electrically Erasable PROM. The device is organized as two blocks of 256 x 8-bit memory with a 2-wire serial interface. Low-voltage design permits operation down to 1.7V, with standby and active currents of only 1 μA and 1 mA, respectively. The 24XX04H also has a page write capability for up to 16 bytes of data. The 24XX04H is available in the standard 8-pin PDIP, surface mount SOIC, TSSOP, 2x3 TDFN and MSOP packages, and is also available in the 5-lead SOT-23 package. All packages are Pb-free and RoHS compliant.

Features:
• Single Supply with Operation Down to 1.7V for 24AA04H Devices, 2.5V for 24LC04BH Devices
• Low-Power CMOS Technology:
   - Read current 1 mA, max.
   - Standby current 1 μA, max.
• 2-Wire Serial Interface, I2C™ Compatible
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Time 3 ms, typical
• Self-Timed Erase/Write Cycle
• 16-Byte Page Write Buffer
• Hardware Write-Protect for Half-Array (100h-1FFh)
• ESD Protection >4,000V
• More than 1 Million Erase/Write Cycles
• Data Retention >200 years
• Factory Programming available
• Packages include 8-lead PDIP, SOIC, TSSOP, TDFN, MSOP and 5-lead SOT-23
• Pb-Free and RoHS Compliant
• Temperature Ranges:
   - Industrial (I): -40°C to +85°C
   - Automotive (E): -40°C to +125°C




Similar Part No. - 24LC04BHT-I/MNY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC04B MICROCHIP-24LC04B Datasheet
88Kb / 12P
   4K/8K 2.5V I 2 C Serial EEPROMs
2007
24LC04B MICROCHIP-24LC04B Datasheet
418Kb / 26P
   4K I2C??Serial EEPROM
2007
24LC04B MICROCHIP-24LC04B Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24LC04B MICROCHIP-24LC04B Datasheet
343Kb / 26P
   4K I2C Serial EEPROM
12/08/06
24LC04B-E/CS16K MICROCHIP-24LC04B-E/CS16K Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
More results


Similar Description - 24LC04BHT-I/MNY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA014H MICROCHIP-24AA014H Datasheet
478Kb / 28P
   1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL024H MICROCHIP-24VL024H Datasheet
466Kb / 28P
   2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA02H MICROCHIP-24AA02H Datasheet
534Kb / 30P
   2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA16H MICROCHIP-24AA16H Datasheet
490Kb / 28P
   16K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA01H MICROCHIP-24AA01H Datasheet
533Kb / 30P
   1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA08H MICROCHIP-24AA08H Datasheet
777Kb / 28P
   8K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL014H MICROCHIP-24VL014H Datasheet
466Kb / 28P
   1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA08H MICROCHIP-24AA08H_13 Datasheet
899Kb / 32P
   8K I2C??Serial EEPROM with Half-Array Write-Protect
10/28/13
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
24AA64FT-I MICROCHIP-24AA64FT-I Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com