Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6074-E/MNY Datasheet (PDF) - Microchip Technology

MCP6074-E/MNY Datasheet PDF - Microchip Technology
Part # MCP6074-E/MNY
Download  MCP6074-E/MNY Download

File Size   699.74 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 110 關A, High Precision Op Amps

MCP6074-E/MNY Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP6074-E/MNY Datasheet PDF - Microchip Technology

Part # MCP6074-E/MNY
Download  MCP6074-E/MNY Click to download

File Size   699.74 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 110 關A, High Precision Op Amps

MCP6074-E/MNY Datasheet (HTML) - Microchip Technology

Back Button MCP6074-E/MNY Datasheet HTML 1Page - Microchip Technology MCP6074-E/MNY Datasheet HTML 2Page - Microchip Technology MCP6074-E/MNY Datasheet HTML 3Page - Microchip Technology MCP6074-E/MNY Datasheet HTML 4Page - Microchip Technology MCP6074-E/MNY Datasheet HTML 5Page - Microchip Technology MCP6074-E/MNY Datasheet HTML 6Page - Microchip Technology MCP6074-E/MNY Datasheet HTML 7Page - Microchip Technology MCP6074-E/MNY Datasheet HTML 8Page - Microchip Technology MCP6074-E/MNY Datasheet HTML 9Page - Microchip Technology MCP6074-E/MNY Datasheet HTML 10Page - Microchip Technology Next Button 

MCP6074-E/MNY Product details

Description

The Microchip Technology Inc. MCP6071/2/4 family of operational amplifiers (op amps) has low input offset

voltage (±150 µV, maximum) and rail-to-rail input and output operation. This family is unity gain stable and has a gain bandwidth product of 1.2 MHz (typical). These devices operate with a single supply voltage as low as 1.8V, while drawing low quiescent current per amplifier (110 µA, typical). These features make the family of op amps well suited for single-supply, high precision, battery-powered applications.



Features

• Low Offset Voltage: ±150 µV (maximum)

• Low Quiescent Current: 110 µA (typical)

• Rail-to-Rail Input and Output

• Wide Supply Voltage Range: 1.8V to 6.0V

• Gain Bandwidth Product: 1.2 MHz (typical)

• Unity Gain Stable

• Extended Temperature Range: -40°C to +125°C

• No Phase Reversal



Applications

• Automotive

• Portable Instrumentation

• Sensor Conditioning

• Battery Powered Systems

• Medical Instrumentation

• Test Equipment

• Analog Filters




Similar Part No. - MCP6074-E/MNY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6074-E/SL MICROCHIP-MCP6074-E/SL Datasheet
856Kb / 42P
   110 μA, High Precision Op Amps
Revision C November 2021
MCP6074-E/ST MICROCHIP-MCP6074-E/ST Datasheet
856Kb / 42P
   110 μA, High Precision Op Amps
Revision C November 2021
More results


Similar Description - MCP6074-E/MNY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6071 MICROCHIP-MCP6071_10 Datasheet
1Mb / 40P
   110 uA, High Precision Op Amps
2010
MCP6071 MICROCHIP-MCP6071_V01 Datasheet
856Kb / 42P
   110 μA, High Precision Op Amps
Revision C November 2021
MCP6061T-EOT MICROCHIP-MCP6061T-EOT Datasheet
1Mb / 40P
   60 關A, High Precision Op Amps
08/04/10
MCP6051 MICROCHIP-MCP6051 Datasheet
715Kb / 34P
   30 關A, High Precision Op Amps
2009
MCP6061 MICROCHIP-MCP6061_10 Datasheet
1Mb / 40P
   60 關A, High Precision Op Amps
08/04/10
MCP6031 MICROCHIP-MCP6031_08 Datasheet
660Kb / 34P
   0.9 關A, High Precision Op Amps
2008
logo
3PEAK INC.
TP1561A 3PEAK-TP1561A Datasheet
1Mb / 19P
   Stable 6MHz, 500關A, RRIO, Precision, Op Amps
logo
Maxim Integrated Produc...
MAX478 MAXIM-MAX478 Datasheet
256Kb / 12P
   17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
Rev. 1; 11/98
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
   Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
logo
Microchip Technology
MCP6031 MICROCHIP-MCP6031 Datasheet
985Kb / 30P
   0.9 uA, High Precision Op Amps
2007
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com