Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JXMBDQ-T-1880-1920 Datasheet (PDF) - American Accurate Components, Inc.

JXMBDQ-T-1880-1920 Datasheet PDF - American Accurate Components, Inc.
Part # JXMBDQ-T-1880-1920
Download  JXMBDQ-T-1880-1920 Download

File Size   168.72 Kbytes
Page   1 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description 1900MHz 3dB Hybrid

JXMBDQ-T-1880-1920 Datasheet (PDF)

Go To PDF Page Download Datasheet
JXMBDQ-T-1880-1920 Datasheet PDF - American Accurate Components, Inc.

Part # JXMBDQ-T-1880-1920
Download  JXMBDQ-T-1880-1920 Click to download

File Size   168.72 Kbytes
Page   1 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description 1900MHz 3dB Hybrid

JXMBDQ-T-1880-1920 Datasheet (HTML) - American Accurate Components, Inc.

JXMBDQ-T-1880-1920 Datasheet HTML 1Page - American Accurate Components, Inc.



Similar Part No. - JXMBDQ-T-1880-1920

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXMBDQ-T-800-1000 AAC-JXMBDQ-T-800-1000 Datasheet
234Kb / 1P
   900MHz 3dB Hybrid
JXMBDQ-T-800-2500 AAC-JXMBDQ-T-800-2500 Datasheet
155Kb / 1P
   800~2500MHz 3dB Hybrid
More results


Similar Description - JXMBDQ-T-1880-1920

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXMBDQ-T-800-1000 AAC-JXMBDQ-T-800-1000 Datasheet
234Kb / 1P
   900MHz 3dB Hybrid
logo
Abracon Corporation
ABHC-N-1700-2200MHZ ABRACON-ABHC-N-1700-2200MHZ Datasheet
4Mb / 3P
   3dB; 90? HYBRID COUPLER
12.04.15
logo
American Accurate Compo...
LLHB6801-0200-G AAC-LLHB6801-0200-G Datasheet
104Kb / 1P
   Hybrid Coupler 3dB 90째
JXMBDQ-T-800-2500 AAC-JXMBDQ-T-800-2500 Datasheet
155Kb / 1P
   800~2500MHz 3dB Hybrid
logo
Abracon Corporation
ABHC-S-698-1000MHZ ABRACON-ABHC-S-698-1000MHZ Datasheet
4Mb / 3P
   3dB; 90? HYBRID COUPLER
12.04.15
logo
Soshin electric Co., Lt...
HMD2717A-HYB1950 SOSHIN-HMD2717A-HYB1950 Datasheet
487Kb / 6P
   1900MHz Band 90deg. Chip Hybrid Coupler
logo
API Technologies Corp
DC754 APITECH-DC754 Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
logo
Anaren Microwave
1M803S ANAREN-1M803S_07 Datasheet
171Kb / 4P
   Micro Xinger 3dB Hybrid Coupler
logo
American Accurate Compo...
LLHB31B6-2450-G AAC-LLHB31B6-2450-G Datasheet
130Kb / 2P
   SMT Hybrid Coupler 3dB 90째.
logo
Soshin electric Co., Lt...
HMD812D-HYB0850 SOSHIN-HMD812D-HYB0850 Datasheet
192Kb / 3P
   3dB 90deg hybrid for 850MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com