Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE46C117 Datasheet (PDF) - Microchip Technology

RE46C117 Datasheet PDF - Microchip Technology
Part # RE46C117
Download  RE46C117 Download

File Size   214.19 Kbytes
Page   6 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description DC to DC Converter and Piezoelectric Horn Driver

RE46C117 Datasheet (PDF)

Go To PDF Page Download Datasheet
RE46C117 Datasheet PDF - Microchip Technology

Part # RE46C117
Download  RE46C117 Click to download

File Size   214.19 Kbytes
Page   6 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description DC to DC Converter and Piezoelectric Horn Driver

RE46C117 Datasheet (HTML) - Microchip Technology


RE46C117 Product details

General Description
The RE46C117 is intended for use in 3V or 4.5V battery or battery-backed applications. The circuit features a DC-to-DC up-converter and driver circuit suitable for driving a piezoelectric horn

Features
• Low Quiescent Current
• 10V Up Converter
• Low Horn Driver Ron
• Available in Standard Packaging or RoHS Compliant Pb Free Packaging

Applications
    Smoke detectors
    CO Detectors
    Personal Security Products
    Electronic Toys




Similar Part No. - RE46C117

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C112 MICROCHIP-RE46C112 Datasheet
214Kb / 7P
   Ionization Smoke Detector IC
2009
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
   Ionization Smoke Detector IC
2009
RE46C119 MICROCHIP-RE46C119 Datasheet
176Kb / 9P
   Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
More results


Similar Description - RE46C117

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C107 MICROCHIP-RE46C107 Datasheet
214Kb / 7P
   DC to DC Converter, Voltage Regulator and Piezoelectric Horn Driver
2009
RE46C107S16F MICROCHIP-RE46C107S16F Datasheet
127Kb / 9P
   DC to DC Converter, Voltage Regulator and Piezoelectric Horn Driver
2009
RE46C104 MICROCHIP-RE46C104 Datasheet
83Kb / 5P
   Piezoelectric Horn Driver and Voltage Converter
2009
RE46C109 MICROCHIP-RE46C109 Datasheet
177Kb / 9P
   Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
RE46C317 MICROCHIP-RE46C317 Datasheet
577Kb / 22P
   Piezoelectric Horn Driver with Boost Converter
11/29/12 2012-2013
RE46C119 MICROCHIP-RE46C119 Datasheet
176Kb / 9P
   Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
RE46C108 MICROCHIP-RE46C108 Datasheet
81Kb / 4P
   Piezoelectric Horn Driver and Voltage Regulator
2009
logo
List of Unclassifed Man...
RE46C101 ETC-RE46C101 Datasheet
42Kb / 3P
   Piezoelectric Horn Driver and LED Driver Circuit
logo
Microchip Technology
RE46C101 MICROCHIP-RE46C101 Datasheet
214Kb / 4P
   Piezoelectric Horn Driver and LED Driver Circuit
2009
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
   Piezoelectric Horn Driver Circuit
2009
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com