Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM135 Datasheet (PDF) - Silicon Touch Technology Inc.

DM135 Datasheet PDF - Silicon Touch Technology Inc.
Part # DM135
Download  DM135 Download

File Size   298.39 Kbytes
Page   20 Pages
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.
Description 16-Bit Constant Current LED Drivers

DM135 Datasheet (PDF)

Go To PDF Page Download Datasheet
DM135 Datasheet PDF - Silicon Touch Technology Inc.

Part # DM135
Download  DM135 Click to download

File Size   298.39 Kbytes
Page   20 Pages
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.
Description 16-Bit Constant Current LED Drivers

DM135 Datasheet (HTML) - Silicon Touch Technology Inc.

Back Button DM135 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM135 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM135 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM135 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM135 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM135 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM135 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM135 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM135 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM135 Datasheet HTML 10Page - Silicon Touch Technology Inc. Next Button 

DM135 Product details

General Description

The DM134、DM135、DM136 are constant current drivers specifically designed for LED display applications. The value of constant current can be varied using an external resistor. The devices include a 16-bit shift register, latches, and constant current drivers on a single Silicon CMOS chip.



Features

• 5V CMOS Compatible Input

• Maximum Clock Frequency: 25MHz (Cascade Operation)

• Maximum Output Voltage: 17V

• Package: DIP24, SOP24, SSOP24, QFN32,

              TSSOP24-exposedPAD(DM135)

• Package and Pin Layout: Pin layout and functionality are similar to those of the ST2221C.

                    (Each characteristic value is different.)

z Constant Current Matching: (Ta = 25°C、VDD = 5.0V)

                                       Chip-to-Chip: ± 10.0%

                                       Bit-to-Bit:

                                          DM134: ± 4.0% @ IOUT = 30 ~ 90mA

                                                     ± 6.0% @ IOUT = 20 ~ 30mA

                                          DM135: ± 4.0% @ IOUT = 10 ~ 50mA

                                                     ± 6.0% @ IOUT = 5 ~ 10mA

                                          DM136: ± 4.0% @ IOUT = 3 ~ 15mA



 




Similar Part No. - DM135

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM135B ETC-DM135B Datasheet
255Kb / 19P
   16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
logo
Silicon Touch Technolog...
DM135B SITI-DM135B Datasheet
337Kb / 20P
   16-Bit Constant Current LED Drivers with 3.3v ~ 5v Supply Voltage
More results


Similar Description - DM135

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
logo
List of Unclassifed Man...
DM141 ETC2-DM141 Datasheet
373Kb / 16P
   8x2-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926 Datasheet
921Kb / 29P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_08 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com