Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-45D32CD641KFA-C75 Datasheet (PDF) - Elpida Memory

MC-45D32CD641KFA-C75 Datasheet PDF - Elpida Memory
Part # MC-45D32CD641KFA-C75
Download  MC-45D32CD641KFA-C75 Download

File Size   184.16 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE

MC-45D32CD641KFA-C75 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-45D32CD641KFA-C75 Datasheet PDF - Elpida Memory

Part # MC-45D32CD641KFA-C75
Download  MC-45D32CD641KFA-C75 Click to download

File Size   184.16 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE

MC-45D32CD641KFA-C75 Datasheet (HTML) - Elpida Memory

Back Button MC-45D32CD641KFA-C75 Datasheet HTML 1Page - Elpida Memory MC-45D32CD641KFA-C75 Datasheet HTML 2Page - Elpida Memory MC-45D32CD641KFA-C75 Datasheet HTML 3Page - Elpida Memory MC-45D32CD641KFA-C75 Datasheet HTML 4Page - Elpida Memory MC-45D32CD641KFA-C75 Datasheet HTML 5Page - Elpida Memory MC-45D32CD641KFA-C75 Datasheet HTML 6Page - Elpida Memory MC-45D32CD641KFA-C75 Datasheet HTML 7Page - Elpida Memory MC-45D32CD641KFA-C75 Datasheet HTML 8Page - Elpida Memory MC-45D32CD641KFA-C75 Datasheet HTML 9Page - Elpida Memory MC-45D32CD641KFA-C75 Datasheet HTML 10Page - Elpida Memory Next Button 

MC-45D32CD641KFA-C75 Product details

Description
The MC-45D32CD641 is a 33,554,432 words by 64 bits DDR synchronous dynamic RAM module on which 16 pieces of 128M DDR SDRAM: µPD45D128842 are assembled.
These modules provide high density and large quantities of memory in a small space without utilizing the surface mounting technology on the printed circuit board.
Decoupling capacitors are mounted on power supply line for noise reduction.

Features
• 33,554,432 words by 64 bits organization
• Clock frequency
• Fully Synchronous Dynamic RAM with all signals except DM, DQS and DQ referenced
   to a positive clock edge
• Double Data Rate interface
   Differential CLK (/CLK) input
   Data inputs and DM are synchronized with both edges of DQS
   Data outputs and DQS are synchronized with a cross point of CLK and /CLK
• Quad internal banks operation
• Possible to assert random column address in every clock cycle
• Programmable Mode register set
   /CAS latency (2, 2.5)
   Burst length (2, 4, 8)
   Wrap sequence (Sequential / Interleave)
• Automatic precharge and controlled precharge
• CBR (Auto) refresh and self refresh
• 2.5 V ± 0.2 V Power supply for VDD
• 2.5 V ± 0.2 V Power supply for VDDQ
• SSTL_2 compatible with all signals
• 4,096 refresh cycles / 64 ms
• Burst termination by Precharge command and Burst stop command
• 184-pin dual in-line memory module (Pin pitch = 1.27 mm)
• Unbuffered type
• Serial PD
   The information in this document is subject to change without notice. Before using
    this document, please confirm that this is the latest version.
   Not all devices/types available in every country. Please check with local Elpida Memory, Inc.
   for availability and additional information




Similar Part No. - MC-45D32CD641KFA-C75

ManufacturerPart #DatasheetDescription
logo
NEC
MC-45D32CD641KFA-C75 NEC-MC-45D32CD641KFA-C75 Datasheet
250Kb / 6P
   32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Similar Description - MC-45D32CD641KFA-C75

ManufacturerPart #DatasheetDescription
logo
NEC
MC-45D32CD641 NEC-MC-45D32CD641 Datasheet
250Kb / 6P
   32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D16CB641 NEC-MC-45D16CB641 Datasheet
244Kb / 6P
   16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CB641 ELPIDA-MC-45D16CB641 Datasheet
170Kb / 16P
   16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D32CC721 NEC-MC-45D32CC721 Datasheet
259Kb / 6P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D32CC721 ELPIDA-MC-45D32CC721 Datasheet
190Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB647 NEC-MC-458CB647 Datasheet
190Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com