Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-45D16DA721KFA-C80 Datasheet (PDF) - Elpida Memory

MC-45D16DA721KFA-C80 Datasheet PDF - Elpida Memory
Part # MC-45D16DA721KFA-C80
Download  MC-45D16DA721KFA-C80 Download

File Size   180.16 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE

MC-45D16DA721KFA-C80 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-45D16DA721KFA-C80 Datasheet PDF - Elpida Memory

Part # MC-45D16DA721KFA-C80
Download  MC-45D16DA721KFA-C80 Click to download

File Size   180.16 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE

MC-45D16DA721KFA-C80 Datasheet (HTML) - Elpida Memory

Back Button MC-45D16DA721KFA-C80 Datasheet HTML 1Page - Elpida Memory MC-45D16DA721KFA-C80 Datasheet HTML 2Page - Elpida Memory MC-45D16DA721KFA-C80 Datasheet HTML 3Page - Elpida Memory MC-45D16DA721KFA-C80 Datasheet HTML 4Page - Elpida Memory MC-45D16DA721KFA-C80 Datasheet HTML 5Page - Elpida Memory MC-45D16DA721KFA-C80 Datasheet HTML 6Page - Elpida Memory MC-45D16DA721KFA-C80 Datasheet HTML 7Page - Elpida Memory MC-45D16DA721KFA-C80 Datasheet HTML 8Page - Elpida Memory MC-45D16DA721KFA-C80 Datasheet HTML 9Page - Elpida Memory MC-45D16DA721KFA-C80 Datasheet HTML 10Page - Elpida Memory Next Button 

MC-45D16DA721KFA-C80 Product details

Description
The MC-45D16DA721 is a 16,777,216 words by 72 bits DDR synchronous dynamic RAM module on which 9 pieces of 128M DDR SDRAM: µPD45D128842 are assembled.
These modules provide high density and large quantities of memory in a small space without utilizing the surface mounting technology on the printed circuit board.
Decoupling capacitors are mounted on power supply line for noise reduction

Features
• 16,777,216 words by 72 bits organization (ECC type)
• Clock frequency
• Fully Synchronous Dynamic RAM with all signals except DM, DQS and DQ referenced to a positive clock edge
• Double Data Rate interface
    Differential CLK (/CLK) input
    Data inputs and DM are synchronized with both edges of DQS
    Data outputs and DQS are synchronized with a cross point of CLK and /CLK
• Quad internal banks operation
• Possible to assert random column address in every clock cycle
• Programmable Mode register set
    /CAS latency (2, 2.5)
    Burst length (2, 4, 8)
    Wrap sequence (Sequential / Interleave)
• Automatic precharge and controlled precharge
• CBR (Auto) refresh and self refresh
• 2.5 V ± 0.2 V Power supply for VDD
• 2.5 V ± 0.2 V Power supply for VDDQ
• SSTL_2 compatible with all signals
• 4,096 refresh cycles / 64 ms
• Burst termination by Precharge command and Burst stop command
• 184-pin dual in-line memory module (Pin pitch = 1.27 mm)
• Registered type
• Serial PD




Similar Part No. - MC-45D16DA721KFA-C80

ManufacturerPart #DatasheetDescription
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721KF-C75 NEC-MC-45D16CA721KF-C75 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CA721KF-C75 ELPIDA-MC-45D16CA721KF-C75 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721KF-C80 NEC-MC-45D16CA721KF-C80 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Similar Description - MC-45D16DA721KFA-C80

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4516DA727XFA ELPIDA-MC-4516DA727XFA Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA726 ELPIDA-MC-4516DA726 Datasheet
176Kb / 16P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4516DA726 NEC-MC-4516DA726 Datasheet
232Kb / 6P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA727 ELPIDA-MC-4516DA727 Datasheet
224Kb / 15P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DC721 ELPIDA-MC-45D32DC721 Datasheet
196Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DA721 ELPIDA-MC-45D32DA721 Datasheet
210Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532DA727 ELPIDA-MC-4532DA727 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4532DA726 NEC-MC-4532DA726 Datasheet
247Kb / 6P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com