Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55-B9V1 Datasheet (PDF) - GOOD-ARK Electronics

BZX55-B9V1 Datasheet PDF - GOOD-ARK Electronics
Part # BZX55-B9V1
Download  BZX55-B9V1 Download

File Size   316.18 Kbytes
Page   7 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Zener Diodes

BZX55-B9V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX55-B9V1 Datasheet PDF - GOOD-ARK Electronics

Part # BZX55-B9V1
Download  BZX55-B9V1 Click to download

File Size   316.18 Kbytes
Page   7 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Zener Diodes

BZX55-B9V1 Datasheet (HTML) - GOOD-ARK Electronics

BZX55-B9V1 Datasheet HTML 1Page - GOOD-ARK Electronics BZX55-B9V1 Datasheet HTML 2Page - GOOD-ARK Electronics BZX55-B9V1 Datasheet HTML 3Page - GOOD-ARK Electronics BZX55-B9V1 Datasheet HTML 4Page - GOOD-ARK Electronics BZX55-B9V1 Datasheet HTML 5Page - GOOD-ARK Electronics BZX55-B9V1 Datasheet HTML 6Page - GOOD-ARK Electronics BZX55-B9V1 Datasheet HTML 7Page - GOOD-ARK Electronics

BZX55-B9V1 Product details

Features

Silicon Planar Power Zener Diodes.

The Zener voltages are graded according to the international E 24 standard. Standard Zener voltage tolerance is ±5%. Replace suffix "C" with "B" for ±2% tolerance. Other voltage tolerances and other Zener voltages are available upon request.



MechanicalData

Case: DO-35 Glass Case

Weight: approx. 0.13g




Similar Part No. - BZX55-B9V1

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
More results


Similar Description - BZX55-B9V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com