Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5538A Datasheet (PDF) - Sanyo Semicon Device

2SC5538A Datasheet PDF - Sanyo Semicon Device
Part # 2SC5538A
Download  2SC5538A Download

File Size   54.29 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications

2SC5538A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5538A Datasheet PDF - Sanyo Semicon Device

Part # 2SC5538A
Download  2SC5538A Click to download

File Size   54.29 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications

2SC5538A Datasheet (HTML) - Sanyo Semicon Device

2SC5538A Datasheet HTML 1Page - Sanyo Semicon Device 2SC5538A Datasheet HTML 2Page - Sanyo Semicon Device 2SC5538A Datasheet HTML 3Page - Sanyo Semicon Device 2SC5538A Datasheet HTML 4Page - Sanyo Semicon Device 2SC5538A Datasheet HTML 5Page - Sanyo Semicon Device

2SC5538A Product details

VHF to UHF Band OSC, High-Frequency Amplifier Applications



Features

• High gain : |S21e|2=10.5dB typ (f=1GHz).

• High cut-off frequency : fT=5.2GHz typ.

• Ultrasmall, slim flat-lead package (1.4mm✕0.8mm✕0.6mm).

• Halogen free compliance.



 




Similar Part No. - 2SC5538A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5538 SANYO-2SC5538 Datasheet
36Kb / 4P
   VHF to UHF OSC, High-Frequency Amplifier Applications
More results


Similar Description - 2SC5538A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5375A SANYO-2SC5375A Datasheet
61Kb / 6P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5374A SANYO-2SC5374A Datasheet
61Kb / 6P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5539A SANYO-2SC5539A Datasheet
57Kb / 6P
   NPN Epitaxial Planar Silicon Transistor NPN Epitaxial Planar Silicon Transistor VHF to UHF Low-Noise Amplifier and OSC Applications
15GN01CA SANYO-15GN01CA Datasheet
53Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01FA SANYO-15GN01FA Datasheet
54Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01SA SANYO-15GN01SA Datasheet
54Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01NA SANYO-15GN01NA Datasheet
54Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
2SC5538 SANYO-2SC5538 Datasheet
36Kb / 4P
   VHF to UHF OSC, High-Frequency Amplifier Applications
2SC5375 SANYO-2SC5375 Datasheet
134Kb / 5P
   VHF to UHF Band OSC, High-Frequency Amp Applications?
2SC5374 SANYO-2SC5374 Datasheet
134Kb / 5P
   VHF to UHF Band OSC, High-Frequency Amp Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com