Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS912SL Datasheet (PDF) - Sanyo Semicon Device

VS912SL Datasheet PDF - Sanyo Semicon Device
Part # VS912SL
Download  VS912SL Download

File Size   309.03 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low Capacitance TVS Diode Array Protection Device of High-speed Data Lines

VS912SL Datasheet (PDF)

Go To PDF Page Download Datasheet
VS912SL Datasheet PDF - Sanyo Semicon Device

Part # VS912SL
Download  VS912SL Click to download

File Size   309.03 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low Capacitance TVS Diode Array Protection Device of High-speed Data Lines

VS912SL Datasheet (HTML) - Sanyo Semicon Device

VS912SL Datasheet HTML 1Page - Sanyo Semicon Device VS912SL Datasheet HTML 2Page - Sanyo Semicon Device VS912SL Datasheet HTML 3Page - Sanyo Semicon Device VS912SL Datasheet HTML 4Page - Sanyo Semicon Device

VS912SL Product details

Low Capacitance TVS Diode Array

Features
• Very low capacitance 0.4pF typ.
• ESD / transient protection of high-speed data lines in applications according to:
   IEC61000-4-2 (ESD): ±20kV (air) ±20kV (contact), IEC61000-4-4 (EFT): 50A (5/50ns).
• Halogen free compliance.

Applications
• HDMI.
• USB 2.0.
• Mobile communication.
• Ethernet.
• LCD, camera.
• Notebooks and desktop computers, peripherals.




Similar Part No. - VS912SL

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
VS9 ASTEC-VS9 Datasheet
2Mb / 8P
   1000 - 2500 Watts
logo
Sanyo Semicon Device
VS901SL SANYO-VS901SL Datasheet
206Kb / 3P
   Low Capacitance TVS Diode General Purpose Protection Device
VS902SL SANYO-VS902SL Datasheet
233Kb / 3P
   Low Capacitance TVS Diode General Purpose Protection Device
logo
Vishay Siliconix
VS90EPF12L-M3 VISHAY-VS90EPF12L-M3 Datasheet
240Kb / 9P
   Fast Soft Recovery Rectifier Diode, 90 A
Revision: 06-Jul-2018
logo
Rohm
VS90VLNVWM ROHM-VS90VLNVWM Datasheet
1Mb / 10P
   Transient Voltage Suppressor
2022/02/08_Rev.001
More results


Similar Description - VS912SL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP2202W1 ONSEMI-NUP2202W1 Datasheet
74Kb / 6P
   Low Capacitance SC-88 Diode-TVS Array for HIGH Speed Data Lines Protection
January, 2006 ??Rev. 1
NUP2201MR6 ONSEMI-NUP2201MR6 Datasheet
38Kb / 4P
   Low Capacitance TSOP-6 Diode-TVS Array for High Speed Data Lines Protection
November, 2003 ??Rev. 1
NUP4201MR6 ONSEMI-NUP4201MR6 Datasheet
41Kb / 4P
   Low Capacitance TSOP-6 Diode-TVS Array for High Speed Data Lines Protection
March, 2005 ??Rev. 1
logo
Pan Jit International I...
PJLCDA05 PANJIT-PJLCDA05 Datasheet
124Kb / 4P
   QUAD LOW CAPACITANCE TVS ARRAY FOR HIGH SPEED DATA LINES
logo
ON Semiconductor
ESD1014 ONSEMI-ESD1014 Datasheet
97Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
March, 2011 ??Rev. 0
NUP4105MU ONSEMI-NUP4105MU Datasheet
125Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
April, 2009 ??Rev. 1
NUP2201MR6 ONSEMI-NUP2201MR6_06 Datasheet
74Kb / 6P
   Low Capacitance TSOP?? Diode?뭈VS Array for High Speed Data Lines Protection
January, 2006 ??Rev. 2
NUP4016 ONSEMI-NUP4016 Datasheet
94Kb / 3P
   Ultra-Low Capacitance Diode-TVS Array for High Speed Data Line Protection
September, 2008 ??Rev. 0
NUP4202W1 ONSEMI-NUP4202W1 Datasheet
80Kb / 8P
   Low Capacitance SC??8 Diode?뭈VS Array for High Speed Data Lines Protection
March, 2006 ??Rev. 2
ESD8118 ONSEMI-ESD8118 Datasheet
227Kb / 10P
   Low Capacitance Array for High Speed Data Lines
May, 2015 ??Rev. 0
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com