Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1020 Datasheet (PDF) - PACELEADER INDUSTRIAL

SB1020 Datasheet PDF - PACELEADER INDUSTRIAL
Part # SB1020
Download  SB1020 Download

File Size   289.12 Kbytes
Page   2 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description SCHOTTKY BARRIER RECTIFIER

SB1020 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB1020 Datasheet PDF - PACELEADER INDUSTRIAL

Part # SB1020
Download  SB1020 Click to download

File Size   289.12 Kbytes
Page   2 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description SCHOTTKY BARRIER RECTIFIER

SB1020 Datasheet (HTML) - PACELEADER INDUSTRIAL

SB1020 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SB1020 Datasheet HTML 2Page - PACELEADER INDUSTRIAL

SB1020 Product details

FEATURES
• Schottky Barrier Chip
• Guard Ring Transient Protection
• High Current Capability, Low Forward
• Low Reverse Leakage Current
• High surge Current Capability
• Plastic Material has UL Flammability Classification 94V-0
• High temperature soldering 260oC/10seconds at terminals
• Pb free product are available 99% Sn above can meet RoHS
• environment substance directive request




Similar Part No. - SB1020

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB1020 PANJIT-SB1020 Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Transys Electronics
SB1020 TRSYS-SB1020 Datasheet
146Kb / 2P
   10 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1020 WTE-SB1020 Datasheet
39Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
SB1020 WTE-SB1020 Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1020 PANJIT-SB1020 Datasheet
425Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SB1020

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com