Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWU6605 Datasheet (PDF) - ANADIGICS, Inc

AWU6605 Datasheet PDF - ANADIGICS, Inc
Part # AWU6605
Download  AWU6605 Download

File Size   568.46 Kbytes
Page   13 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP3TM Band 5 / WCDMA 3.4 V / 28.5 dBm Linear PA Module

AWU6605 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWU6605 Datasheet PDF - ANADIGICS, Inc

Part # AWU6605
Download  AWU6605 Click to download

File Size   568.46 Kbytes
Page   13 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP3TM Band 5 / WCDMA 3.4 V / 28.5 dBm Linear PA Module

AWU6605 Datasheet (HTML) - ANADIGICS, Inc

Back Button AWU6605 Datasheet HTML 1Page - ANADIGICS, Inc AWU6605 Datasheet HTML 2Page - ANADIGICS, Inc AWU6605 Datasheet HTML 3Page - ANADIGICS, Inc AWU6605 Datasheet HTML 4Page - ANADIGICS, Inc AWU6605 Datasheet HTML 5Page - ANADIGICS, Inc AWU6605 Datasheet HTML 6Page - ANADIGICS, Inc AWU6605 Datasheet HTML 7Page - ANADIGICS, Inc AWU6605 Datasheet HTML 8Page - ANADIGICS, Inc AWU6605 Datasheet HTML 9Page - ANADIGICS, Inc AWU6605 Datasheet HTML 10Page - ANADIGICS, Inc Next Button 



Similar Part No. - AWU6605

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWU6601 ANADIGICS-AWU6601 Datasheet
622Kb / 14P
   HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
AWU6601RM45P9 ANADIGICS-AWU6601RM45P9 Datasheet
622Kb / 14P
   HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
AWU6601RM45Q7 ANADIGICS-AWU6601RM45Q7 Datasheet
622Kb / 14P
   HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
AWU6602 ANADIGICS-AWU6602 Datasheet
565Kb / 13P
   HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
AWU6602RM45P9 ANADIGICS-AWU6602RM45P9 Datasheet
565Kb / 13P
   HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
More results


Similar Description - AWU6605

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWU6608 ANADIGICS-AWU6608 Datasheet
567Kb / 13P
   HELP3TM Band 8 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
AWU6602 ANADIGICS-AWU6602 Datasheet
565Kb / 13P
   HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
AWU6604 ANADIGICS-AWU6604 Datasheet
565Kb / 13P
   HELP3TM Band 4 & 9 WCDMA 3.4 V / 28.25 dBm Linear PA Module
AWT6279 ANADIGICS-AWT6279 Datasheet
415Kb / 8P
   HELP3TM IMT/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
AWT6282 ANADIGICS-AWT6282 Datasheet
421Kb / 8P
   HELP3TM 1700/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
AWU6601 ANADIGICS-AWU6601 Datasheet
622Kb / 14P
   HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
   HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6277R ANADIGICS-AWT6277R_08 Datasheet
429Kb / 8P
   HELPTM IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
AWT6243R ANADIGICS-AWT6243R Datasheet
427Kb / 8P
   HELP3TM 1.7 GHz/UMTS 3.4 V/28.5 dBm Linear Power Amplifier Module
AWT6277R ANADIGICS-AWT6277R Datasheet
282Kb / 8P
   HELP IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com