Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2531 Datasheet (PDF) - Analog Devices

ADN2531 Datasheet PDF - Analog Devices
Part # ADN2531
Download  ADN2531 Download

File Size   431.84 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver

ADN2531 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2531 Datasheet PDF - Analog Devices

Part # ADN2531
Download  ADN2531 Click to download

File Size   431.84 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver

ADN2531 Datasheet (HTML) - Analog Devices

Back Button ADN2531 Datasheet HTML 1Page - Analog Devices ADN2531 Datasheet HTML 2Page - Analog Devices ADN2531 Datasheet HTML 3Page - Analog Devices ADN2531 Datasheet HTML 4Page - Analog Devices ADN2531 Datasheet HTML 5Page - Analog Devices ADN2531 Datasheet HTML 6Page - Analog Devices ADN2531 Datasheet HTML 7Page - Analog Devices ADN2531 Datasheet HTML 8Page - Analog Devices ADN2531 Datasheet HTML 9Page - Analog Devices ADN2531 Datasheet HTML 10Page - Analog Devices Next Button 

ADN2531 Product details

GENERAL DESCRIPTION
The ADN2531 laser diode driver can work with directly modulated laser diodes, including vertical-cavity surface-emitting laser (VCSEL), Fabry-Perot (FP) lasers, and distributed feedback (DFB) lasers, with a differential loading resistance ranging from 5 Ω to 140 Ω. The active back-termination in the ADN2531 absorbs signal reflections from the laser diode side of the output transmission lines, enabling excellent optical eye quality even when the TOSA end of the output transmission lines is significantly mismatched. The ADN2531 is a SFP+ MSA-compliant device, and its small package and enhanced ESD protection provides the optimum solution for compact modules in which laser diodes are packaged in low pin-count optical subassemblies.

FEATURES
   3.3 V operation
   Up to 11.3 Gbps operation
   Typical 26 ps rise/fall times
   Bias current range: 10 mA to 100 mA
   Differential modulation current range: 10 mA to 80 mA
   Voltage input control for bias and modulation currents
   Data inputs sensitivity: 150 mV p-p differential
   Automatic laser shutdown (ALS)
   Crosspoint adjustment (CPA)
   VCSEL, FP, DFB laser support
   SFF/SFP/XFP/SFP+ MSA compliant
   Optical evaluation board available
   Compact, 3 mm × 3 mm LFCSP

APPLICATIONS
   Optical transmitters, up to 11.3 Gbps, for SONET/SDH,
      Ethernet, and Fibre Channel applications
   SFF/SFP/SFP+/XFP/X2/XENPAK/XPAK MSA compliant
   300-pin optical modules, up to 11.3 Gbps




Similar Part No. - ADN2531

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2530 AD-ADN2530 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530YCPZ-R2 AD-ADN2530YCPZ-R2 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530YCPZ-REEL7 AD-ADN2530YCPZ-REEL7 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530YCPZ-WP AD-ADN2530YCPZ-WP Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
More results


Similar Description - ADN2531

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
ADN2530 AD-ADN2530 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
ONET1151L TI1-ONET1151L Datasheet
1Mb / 31P
[Old version datasheet]   11.3 Gbps Low-Power Laser Diode Driver
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
ONET8501V TI1-ONET8501V_17 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com