Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN4604 Datasheet (PDF) - Analog Devices

ADN4604 Datasheet PDF - Analog Devices
Part # ADN4604
Download  ADN4604 Download

File Size   1348.0 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.25 Gbps, 16 횞 16, Digital Crosspoint Switch

ADN4604 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4604 Datasheet PDF - Analog Devices

Part # ADN4604
Download  ADN4604 Click to download

File Size   1348.0 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.25 Gbps, 16 횞 16, Digital Crosspoint Switch

ADN4604 Datasheet (HTML) - Analog Devices

Back Button ADN4604 Datasheet HTML 1Page - Analog Devices ADN4604 Datasheet HTML 2Page - Analog Devices ADN4604 Datasheet HTML 3Page - Analog Devices ADN4604 Datasheet HTML 4Page - Analog Devices ADN4604 Datasheet HTML 5Page - Analog Devices ADN4604 Datasheet HTML 6Page - Analog Devices ADN4604 Datasheet HTML 7Page - Analog Devices ADN4604 Datasheet HTML 8Page - Analog Devices ADN4604 Datasheet HTML 9Page - Analog Devices ADN4604 Datasheet HTML 10Page - Analog Devices Next Button 

ADN4604 Product details

GENERAL DESCRIPTION
The ADN4604 is a 16 × 16 asynchronous, protocol agnostic, digital crosspoint switch, with 16 differential PECL-/CML compatible inputs and 16 differential CML outputs. The ADN4604 is optimized for nonreturn-to-zero (NRZ) signaling with data rates of up to 4.25 Gbps per port. Each port offers a fixed level of input equalization and programmable output swing and output preemphasis.The ADN4604 nonblocking switch core implements a 16 × 16 crossbar and supports independent channel switching through the serial control interface. The ADN4604 has low latency and very low channel-to-channel skew. An I2C® or SPI interface is used to control the device and provide access to advanced features, such as additional levels of preemphasis and output disable. The ADN4604 is packaged in a 100-lead TQFP package and operates from −40°C to +85°C.

FEATURES
DC to 4.25 Gbps per port NRZ data rate
Programmable receive equalization
   12 dB boost at 2 GHz
   Compensates 40 inches of FR4 at 4.25 Gbps
Programmable transmit preemphasis/deemphasis
   Up to 12 dB boost at 4.25 Gbps
Compensates 40 inches of FR4 at 4.25 Gbps
Low power: 130 mW per channel at 3.3 V (outputs enabled)
16 × 16, fully differential, nonblocking array Double rank connection programming with dual connection maps
Low jitter, typically 20 ps
Flexible I/O supply range
DC- or ac-coupled differential CML inputs
Programmable CML output levels
Per-lane input P/N pair inversion for routing ease
50 Ω on-chip I/O termination
Supports 8b/10b, scrambled or uncoded NRZ data
Serial (I2C slave or SPI) control interface
100-lead TQFP, Pb-free package

APPLICATIONS
Fiber optic network switching
High speed serial backplane routing to OC-48 with FEC
XAUI: 10GBASE-KX4
Gigabit Ethernet over backplane: 1000BASE-KX
1×, 2×, and 4× Fibre Channel
InfiniBand®
Digital video (HDMI, DVI, DisplayPort, 3G-/HD-/SD-SDI)
Data storage networks




Similar Part No. - ADN4604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4600 AD-ADN4600 Datasheet
1Mb / 28P
   4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
REV. 0
ADN4600-EVALZ AD-ADN4600-EVALZ Datasheet
1Mb / 28P
   4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
REV. 0
ADN4600ACPZ AD-ADN4600ACPZ Datasheet
1Mb / 28P
   4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
REV. 0
ADN4605 AD-ADN4605 Datasheet
2Mb / 56P
   4.25 Gbps 40 횞 40 Digital Crosspoint Switch 3 dB, 6 dB, or 12 dB boost
REV. 0
ADN4605 AD-ADN4605 Datasheet
1Mb / 56P
   4.25 Gbps 40 횞 40 Digital
REV. A
More results


Similar Description - ADN4604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4600 AD-ADN4600 Datasheet
1Mb / 28P
   4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
REV. 0
ADN4605_1111 AD-ADN4605_1111 Datasheet
1Mb / 56P
   4.25 Gbps 40 횞 40 Digital
REV. A
ADN4605 AD-ADN4605 Datasheet
2Mb / 56P
   4.25 Gbps 40 횞 40 Digital Crosspoint Switch 3 dB, 6 dB, or 12 dB boost
REV. 0
logo
Vitesse Semiconductor C...
VSC3303XHV VITESSE-VSC3303XHV Datasheet
754Kb / 2P
   8.5 Gbps 4 횞 4 Crosspoint Switch
VSC3304 VITESSE-VSC3304 Datasheet
763Kb / 2P
   8.5 Gbps 4 횞 4 Crosspoint Switch
logo
Analog Devices
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
AD8177 AD-AD8177 Datasheet
854Kb / 40P
   500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Rev. 0
AD8178 AD-AD8178 Datasheet
829Kb / 40P
   450 MHz, Triple 16 횞 5 Video Crosspoint Switch
REV. 0
AD8176 AD-AD8176 Datasheet
476Kb / 32P
   475 MHz, Triple 16 횞 9 Video Crosspoint Switch
Rev. PrA
logo
Vitesse Semiconductor C...
VSC3172 VITESSE-VSC3172 Datasheet
463Kb / 2P
   6.5 Gbps 72 횞 72 Asynchronous Crosspoint Switch
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com