Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-3012KS Datasheet (PDF) - Allegro MicroSystems

SI-3012KS Datasheet PDF - Allegro MicroSystems
Part # SI-3012KS
Download  SI-3012KS Download

File Size   97.66 Kbytes
Page   6 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs

SI-3012KS Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-3012KS Datasheet PDF - Allegro MicroSystems

Part # SI-3012KS
Download  SI-3012KS Click to download

File Size   97.66 Kbytes
Page   6 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs

SI-3012KS Datasheet (HTML) - Allegro MicroSystems

SI-3012KS Datasheet HTML 1Page - Allegro MicroSystems SI-3012KS Datasheet HTML 2Page - Allegro MicroSystems SI-3012KS Datasheet HTML 3Page - Allegro MicroSystems SI-3012KS Datasheet HTML 4Page - Allegro MicroSystems SI-3012KS Datasheet HTML 5Page - Allegro MicroSystems SI-3012KS Datasheet HTML 6Page - Allegro MicroSystems

SI-3012KS Product details

■Features
• Compact surface-mount package (SOP8)
• Output current: 1.0 A
• Compatible with low ESR capacitor
• Low circuit current at output OFF Iq ≤ 350 µA
(IO = 0 A, VC = 2 V)
• Low current consumption Iq (OFF) ≤ 1 µA (VC
= 0 V)
• Low dropout voltage VDIF ≤ 0.6 V (IO = 1 A)
• 3 types of output voltages (2.5 V, 3.3 V, and
variable type) available
• Output ON/OFF control terminal voltage
compatible with LS-TTL
• Built-in drooping-type-overcurrent and thermal
protection circuits




Similar Part No. - SI-3012KS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI-3012KS ETC-SI-3012KS Datasheet
92Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3012KS SANKEN-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3012KS SANKEN-SI-3012KS Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KS SANKEN-SI-3012KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Similar Description - SI-3012KS

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3012KD ALLEGRO-SI-3012KD Datasheet
69Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000LLSL SANKEN-SI-3000LLSL Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3010KM SANKEN-SI-3010KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000LSA SANKEN-SI-3000LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KD SANKEN-SI-3000KD Datasheet
69Kb / 3P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3012KM ALLEGRO-SI-3012KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000KFE SANKEN-SI-3000KFE Datasheet
56Kb / 2P
   Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com