Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5888 Datasheet (PDF) - Silan Microelectronics Joint-stock

SA5888 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SA5888
Download  SA5888 Download

File Size   239.91 Kbytes
Page   8 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 5CH BRL DRIVER FOR DVD PLAYER WITH DISC BIDIRECTIONAL DRIVER AND TWO VARIABLE REGULATORS

SA5888 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA5888 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SA5888
Download  SA5888 Click to download

File Size   239.91 Kbytes
Page   8 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 5CH BRL DRIVER FOR DVD PLAYER WITH DISC BIDIRECTIONAL DRIVER AND TWO VARIABLE REGULATORS

SA5888 Datasheet (HTML) - Silan Microelectronics Joint-stock

SA5888 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA5888 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA5888 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA5888 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA5888 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA5888 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA5888 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA5888 Datasheet HTML 8Page - Silan Microelectronics Joint-stock

SA5888 Product details

DESCRIPTION
The SA5888 is a five-channel BTL driver IC for driving the motors and actuators in products such as CD - ROM / DVD drivers. It is also build-in two independent precision voltage regulators with adjustable range from 1.5V to 4V and one channel bi-direction DC motor driver for tray.

FEATURES
* Wide dynamic range (4.0V (Typ.) when VCC = 8V, PVCC =5V, and RL = 8ȍ).
* Level shift circuit on chip.
* Thermal shutdown circuit on chip.
* Mute mode built-in.
* Two regulator controllers built-in.
* Five  drivers build-in: dual  actuator  drivers,  sled  motor  driver, spindle driver and tray in-out driver.

APPLICATIONS
* CD
* CD-ROM
* DVD




Similar Part No. - SA5888

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SA58 YANGJIE-SA58 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
SA58 PANJIT-SA58 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
DAESAN ELECTRONIC CORP.
SA58 DAESAN-SA58 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Shenzhen Luguang Electr...
SA58 LUGUANG-SA58 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
RFE international
SA58 RFE-SA58 Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
More results


Similar Description - SA5888

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
   For DVD Player Video Signal Driver
logo
Ceramate Technical
CMD4508 CERAMATE-CMD4508 Datasheet
205Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4505 CERAMATE-CMD4505 Datasheet
293Kb / 6P
   5-CH BTL Driver for DVD Player
logo
BCD Semiconductor Manuf...
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
Rohm
BA5969FP ROHM-BA5969FP Datasheet
370Kb / 12P
   Power Driver for Compact Disc Player
logo
BCD Semiconductor Manuf...
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Ceramate Technical
CMD4509 CERAMATE-CMD4509 Datasheet
202Kb / 6P
   5-CH BTL Driver for DVD Player
logo
BCD Semiconductor Manuf...
AM5954A BCDSEMI-AM5954A Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Ceramate Technical
CMD4506 CERAMATE-CMD4506 Datasheet
162Kb / 6P
   5-CH BTL Driver for DVD Player
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com