Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2G Datasheet (PDF) - Daya Electric Group Co., Ltd.

S2G Datasheet PDF - Daya Electric Group Co., Ltd.
Part # S2G
Download  S2G Download

File Size   46.85 Kbytes
Page   2 Pages
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.
Description 2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER

S2G Datasheet (PDF)

Go To PDF Page Download Datasheet
S2G Datasheet PDF - Daya Electric Group Co., Ltd.

Part # S2G
Download  S2G Click to download

File Size   46.85 Kbytes
Page   2 Pages
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.
Description 2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER

S2G Datasheet (HTML) - Daya Electric Group Co., Ltd.

S2G Datasheet HTML 1Page - Daya Electric Group Co., Ltd. S2G Datasheet HTML 2Page - Daya Electric Group Co., Ltd.

S2G Product details

Features

• Glass Passivated Die Construction

• Ideally Suited for Automatic Assembly

• Low Forward Voltage Drop

• Surge Overload Rating to 60A Peak

• Low Power Loss

• Built-in Strain Relief

• Plastic Case Material has UL Flammability Classification Rating 94V-O



 




Similar Part No. - S2G

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
S2G CHENG-YI-S2G Datasheet
113Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
S2G PANJIT-S2G Datasheet
58Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Chongqing Pingwei Enter...
S2G CHONGQING-S2G Datasheet
177Kb / 1P
   1.5AMPS. SURFACE MOUNT RECTIFIERS
logo
Leshan Radio Company
S2G LRC-S2G Datasheet
291Kb / 9P
   Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
logo
Micro Commercial Compon...
S2G MCC-S2G Datasheet
619Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
More results


Similar Description - S2G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S2KDF DIODES-S2KDF Datasheet
441Kb / 5P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
GS2A ZSELEC-GS2A Datasheet
106Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2AW ZSELEC-S2AW Datasheet
87Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Won-Top Electronics
S2A WTE-S2A Datasheet
41Kb / 3P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
S2ABF ZSELEC-S2ABF Datasheet
167Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S2A ZSELEC-S2A Datasheet
113Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
GF2A ZSELEC-GF2A Datasheet
74Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Sangdest Microelectroni...
S2A-M SMC-S2A-M Datasheet
176Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
S2AF ZSELEC-S2AF Datasheet
88Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S2KDFQ DIODES-S2KDFQ Datasheet
350Kb / 5P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com